Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8058ARM Datasheet(PDF) 8 Page - Analog Devices

Part # AD8058ARM
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8058ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8058ARM Datasheet HTML 4Page - Analog Devices AD8058ARM Datasheet HTML 5Page - Analog Devices AD8058ARM Datasheet HTML 6Page - Analog Devices AD8058ARM Datasheet HTML 7Page - Analog Devices AD8058ARM Datasheet HTML 8Page - Analog Devices AD8058ARM Datasheet HTML 9Page - Analog Devices AD8058ARM Datasheet HTML 10Page - Analog Devices AD8058ARM Datasheet HTML 11Page - Analog Devices AD8058ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
–8–
AD8057/AD8058
FREQUENCY (MHz)
1
1000
10
100
0.5
0.4
–0.5
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
VOUT = 0.2V
G = +2
RL = 1.0k
RF = 1.0k
TPC 19. 0.1 dB Flatness G = +2
FREQUENCY (MHz)
0.1
100
1
10
–50
–60
–70
–80
–90
–100
–110
THD
SECOND
THIRD
TPC 20. Distortion vs. Frequency, RL = 150
Ω
VOUT (V p-p)
–40
–50
–80
0.0
4.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
–60
–70
20MHz
5MHz
TPC 21. Distortion vs. VOUT @ 20 MHz, 5 MHz,
RL = 150
Ω, VS = ±5.0 V
VOUT (V p-p)
5.0
4.5
0.0
0
4
12
3
3.0
1.5
1.0
0.5
4.0
3.5
2.0
2.5
RISE TIME
FALL TIME
TPC 22. Rise Time and Fall Time vs. VOUT, G = +1,
RL = 1 k
Ω, RF = 0 Ω
VOUT (V p-p)
5
4
0
0
4
1
23
3
2
1
RISE TIME
FALL TIME
TPC 23. Rise Time and Fall Time vs. VOUT, G = +2,
RL = 100
Ω, RF = 402 Ω
0.4%
0.3%
0.2%
0.1%
0.0%
–0.1%
–0.2%
–0.3%
–0.4%
010 20
30 4050 60
VOUT = –1V TO + 1V OR +1V TO –1V
G = +2
RL = 100 /1k
TIME (ns)
TPC 24. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com