Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMELH4018S-R47M Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMELH4018S-R47M
Description  Molded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMELH4018S-R47M Datasheet(HTML) 1 Page - Abracon Corporation

  AMELH4018S-R47M Datasheet HTML 1Page - Abracon Corporation AMELH4018S-R47M Datasheet HTML 2Page - Abracon Corporation AMELH4018S-R47M Datasheet HTML 3Page - Abracon Corporation AMELH4018S-R47M Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Molded Power Inductors
AMELH4018S
4.0 x 4.0 x 2.0 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
12/5/2025
12117 Bee Caves Rd, Bldg-3, Suite 200
Bee Cave, TX 78738
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
*For full orderable part number, please refer to the Part Identification section.
Test Conditions
Ipk1: 10A for 0.47uH, 3.5A for 1uH.
Ipk2: 12A for 0.47uH, 6.0A for 1uH.
ACR: 1MHz, w/o DC bias.
Isat: DC current at which the inductance drops 30% from its nominal value at 25°C.
Irms: DC current that causes the temperature rise (ΔT, approximate 40 ˚C) from 25°C ambient.
Rated voltage: 40V
Operating Temperature: -40˚C ~ +150˚C. (including self-temperature rise)
Storage Condition: -40˚C ~ +150˚C (on board), -10˚C ~ +40˚C (with packaging) and R.H. 70% Max.
AMELH4018S Series is RoHS Compliant and Pb free.
For saturation and temperature rise graphs, please visit Abracon | Power Inductor Performance Analyzer (PIPA).
AMELH4018S-
Part Number*
Inductance
Tolerance
Self-
resonant
Frequency
DC
Resistance
AC
Resistance
Saturation
Current
Temperature
Rise Current
1MHz
Min@Ipk1
Min@Ipk2
Min
Max
Typ
Max
Typ
Max
Typ
Max
Typ
Units
μH
%
MHz
A
A
Symbol
L
L1
L2
M
SRF
DCR
ACR
Isat
Irms
AMELH4018S-R47M
0.47
0.34
0.31
20
58.0
3.1
2.0
19.2
12.8
11.3
12.7
19.8
23.3
AMELH4018S-1R0M
1.0
0.86
0.79
20
38.0
6.4
4.3
47.2
40.8
7.9
8.8
11.8
14.5
Inductance Code
See Electrical Specification table
e.g. 1R0 for 1uH
Tolerance
M = ± 20%
Packaging options
T: Tape and Reel (See Packaging)
B: Bulk
JEDEC PMIC50xx in common-footprint
Ultra-low AC losses
High saturation current
Soft saturation
Minimal audible buzzing
• AI Servers
• DDR5 memory cards
• Smart NICs
• Test & Measurement edge cards
• Smart home
Electrical Specifications
Applications
Features
Part Identification
*Tolerance is only available as
indicated in Electrical Spec. table


Similar Part No. - AMELH4018S-R47M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMELH4020S ABRACON-AMELH4020S Datasheet
961Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH4020S-1R0MT ABRACON-AMELH4020S-1R0MT Datasheet
961Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH4020S-1R2MT ABRACON-AMELH4020S-1R2MT Datasheet
961Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH4020S-1R5MT ABRACON-AMELH4020S-1R5MT Datasheet
961Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
AMELH4020S-2R0MT ABRACON-AMELH4020S-2R0MT Datasheet
961Kb / 6P
Flat Wire / Hot Pressed Molded Power Inductor
6/16/2025
More results

Similar Description - AMELH4018S-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTP1330F CT-CTP1330F Datasheet
183Kb / 1P
SMD Power Inductors - Molded
logo
WALSIN TECHNOLOGY CORPO...
WLPM444220 WALSIN-WLPM444220 Datasheet
415Kb / 6P
SMD Molded Power Inductors
WLPH201610_P WALSIN-WLPH201610_P Datasheet
656Kb / 8P
SMD Molded Power Inductors
WLPH201610_S WALSIN-WLPH201610_S Datasheet
451Kb / 8P
SMD Molded Power Inductors
WLPH252010_P WALSIN-WLPH252010_P Datasheet
652Kb / 8P
SMD Molded Power Inductors
WLPH252012_P WALSIN-WLPH252012_P Datasheet
604Kb / 8P
SMD Molded Power Inductors
WLPH252012_S WALSIN-WLPH252012_S Datasheet
423Kb / 8P
SMD Molded Power Inductors
WLPM444220LC WALSIN-WLPM444220LC Datasheet
415Kb / 6P
SMD Molded Power Inductors
WLPM545230LC WALSIN-WLPM545230LC Datasheet
417Kb / 6P
SMD Molded Power Inductors
WLPMA0A040LC WALSIN-WLPMA0A040LC Datasheet
436Kb / 6P
SMD Molded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com