Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8066ARZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8066ARZ-R7
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8066ARZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8066ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 24Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 25Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 26Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 27Page - Analog Devices AD8066ARZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD8065/AD8066
Rev. G | Page 26 of 28
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8065AR
−40°C to +85°C
8-Lead SOIC
R-8
AD8065AR-REEL
−40°C to +85°C
8-Lead SOIC
R-8
AD8065AR-REEL7
−40°C to +85°C
8-Lead SOIC
R-8
AD8065ARZ1
−40°C to +85°C
8-Lead SOIC
R-8
AD8065ARZ-REEL1
−40°C to +85°C
8-Lead SOIC
R-8
AD8065ARZ-REEL71
−40°C to +85°C
8-Lead SOIC
R-8
AD8065ART-REEL
−40°C to +85°C
5-Lead SOT-23
RT-5
HRA
AD8065ART-R2
−40°C to +85°C
5-Lead SOT-23
RT-5
HRA
AD8065ART-REEL7
−40°C to +85°C
5-Lead SOT-23
RT-5
HRA
AD8065ARTZ-R22
−40°C to +85°C
5-Lead SOT-23
RT-5
HRA #
AD8065ARTZ-REEL2
−40°C to +85°C
5-Lead SOT-23
RT-5
HRA #
AD8065ARTZ-REEL72
−40°C to +85°C
5-Lead SOT-23
RT-5
HRA #
AD8066AR
−40°C to +85°C
8-Lead SOIC
R-8
AD8066AR-REEL
−40°C to +85°C
8-Lead SOIC
R-8
AD8066AR-REEL7
−40°C to +85°C
8-Lead SOIC
R-8
AD8066ARZ1
−40°C to +85°C
8-Lead SOIC
R-8
AD8066ARZ-RL1
−40°C to +85°C
8-Lead SOIC
R-8
AD8066ARZ-R71
−40°C to +85°C
8-Lead SOIC
R-8
AD8066ARM
−40°C to +85°C
8-Lead MSOP
RM-8
H1B
AD8066ARM-REEL
−40°C to +85°C
8-Lead MSOP
RM-8
H1B
AD8066ARM-REEL7
−40°C to +85°C
8-Lead MSOP
RM-8
H1B
AD8066ARMZ1
−40°C to +85°C
8-Lead MSOP
RM-8
H7C
AD8066ARMZ-REEL71
−40°C to +85°C
8-Lead MSOP
RM-8
H7C
1 Z = Pb-free part.
2 Z = Pb-free part, # denotes lead-free product, may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com