Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1302GS Datasheet(PDF) 2 Page - Littelfuse

Part # CPC1302GS
Description  Dual Optocoupler High-Voltage Darlington Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1302GS Datasheet(HTML) 2 Page - Littelfuse

  CPC1302GS Datasheet HTML 1Page - Littelfuse CPC1302GS Datasheet HTML 2Page - Littelfuse CPC1302GS Datasheet HTML 3Page - Littelfuse CPC1302GS Datasheet HTML 4Page - Littelfuse CPC1302GS Datasheet HTML 5Page - Littelfuse CPC1302GS Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R08
CPC1302
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Phototransistor Breakdown Voltage
I
CEO=100µA
BV
CEO
350
-
-
V
P
Emitter-Collector Breakdown Voltage
I
E=0.1mA
BV
ECO
0.3
-
-
V
Phototransistor Output (Dark) Current
V
CEO=200V, IF=0mA
I
CEO
-
-
100
nA
Saturation Voltage
I
C=10mA, IF=1mA
V
CE(sat)
--
1
V
I
C=100mA, IF=10mA
-
-
1.2
V
Current Transfer Ratio
I
F=1mA, VCE=1V
CTR
1000
5500
8000
%
Output Capacitance
V
CEO=50V, f=1MHz
C
OUT
-13
-
pF
Input Characteristics
Input Control Current
I
C=10mA, VCE=1V
I
F
-
0.07
1
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.5
V
Input Reverse Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
Parameter
Ratings
Units
Breakdown Voltage, BV
CEO
350
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1 (Each)
150
mW
Phototransistor Power Dissipation 2 (Each)
150
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / oC
2 Derate linearly 1.5 mW / oC
Characteristic
Symbol
Test Condition
Typ
Units
Rise Time
t
R
V
CC=10V
I
F=10mA
R
L=100
40
s
Fall Time
t
F
5
Turn-On Time
t
on
5
Storage Time
t
S
20
Turn-Off Time
t
off
60
Turn-On Time
t
on
V
CC=10V
I
F=16mA
R
L=180
1
Storage Time
t
S
40
Turn-Off Time
t
off
80
Switching Characteristics @ 25ºC
Switching Time Test Circuit
V
CC
V
CE
R
L
I
F
Pulse Width=5ms
Duty Cycle=50%
I
F
10%
90%
t on
t off
t
S
V
CE
t
F
t
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com