Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8031ARTZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8031ARTZ-R2
Description  2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031ARTZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8031ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8031ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8031ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8031ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8031ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD8031ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD8031ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8031ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8031ARTZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8031/AD8032
Rev. C | Page 14 of 20
OUTPUT STAGE, OPEN-LOOP GAIN AND
DISTORTION vs. CLEARANCE FROM POWER
SUPPLY
The open-loop gain of the AD8031 decreases approximately
linearly with load resistance and depends on the output voltage.
Open-loop gain stays constant to within 250 mV of the positive
power supply, 150 mV of the negative power supply, and then
decreases as the output transistors are driven further into
saturation.
The AD8031 features a rail-to-rail output stage. The output
transistors operate as common-emitter amplifiers, providing the
output drive current as well as a large portion of the amplifier’s
open-loop gain.
The distortion performance of the AD8031/AD8032 amplifiers
differs from conventional amplifiers. Typically, the distortion
performance of the amplifier degrades as the output voltage
amplitude increases.
DIFFERENTIAL
DRIVE
FROM
INPUT STAGE
Q37
Q47
Q21
Q20
Q51
Q27
Q68
Q44
Q42
Q48
Q49
Q50
Q43
VOUT
Q38
I1
25µA
I2
25µA
C9
5pF
C5
1.5pF
I5
25µA
I4
25µA
R29
300Ω
Used as a unity gain follower, the output of the AD8031/
AD8032 exhibits more distortion in the peak output voltage
region around VCC − 0.7 V. This unusual distortion characteristic is
caused by the input stage architecture and is discussed in detail
in the Input Stage Operation section,
OUTPUT OVERDRIVE RECOVERY
Output overdrive of an amplifier occurs when the amplifier
attempts to drive the output voltage to a level outside its normal
range. After the overdrive condition is removed, the amplifier
must recover to normal operation in a reasonable amount of
time. As shown in
Figure 44. Output Stage Simplified Schematic
The output voltage limit depends on how much current the
output transistors are required to source or sink. For applications
with low drive requirements (for instance, a unity gain follower
driving another amplifier input), the AD8031 typically swings
within 20 mV of either voltage supply. As the required current
load increases, the saturation output voltage increases linearly as
Figure 45, the AD8031/AD8032 recover
within 100 ns from negative overdrive and within 80 ns from
positive overdrive.
RL
50Ω
VIN
VOUT
100ns
1V
VS = ±2.5V
VIN = ±2.5V
RL =1kΩ TO GND
RF =RG =2kΩ
RG
RF
ILOAD × RC
where:
ILOAD is the required load current.
RC is the output transistor collector resistance.
For the AD8031, the collector resistances for both output
transistors are typically 25 Ω. As the current load exceeds the
rated output current of 15 mA, the amount of base drive current
required to drive the output transistor into saturation reaches its
limit, and the amplifier’s output swing rapidly decreases.
Figure 45. Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com