Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1563GSTR Datasheet(PDF) 2 Page - Littelfuse

Part # CPC1563GSTR
Description  Single-Pole, Normally Open, Current Limited OptoMOS® Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1563GSTR Datasheet(HTML) 2 Page - Littelfuse

  CPC1563GSTR Datasheet HTML 1Page - Littelfuse CPC1563GSTR Datasheet HTML 2Page - Littelfuse CPC1563GSTR Datasheet HTML 3Page - Littelfuse CPC1563GSTR Datasheet HTML 4Page - Littelfuse CPC1563GSTR Datasheet HTML 5Page - Littelfuse CPC1563GSTR Datasheet HTML 6Page - Littelfuse CPC1563GSTR Datasheet HTML 7Page - Littelfuse CPC1563GSTR Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R03
CPC1563
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
600
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output (60 Seconds)
3750
V
rms
Operational Temperature (T
A)
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate output power linearly 6.67 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Current Limit
AC/DC Configuration
I
F=5mA, VL=13V, t=5ms
I
LMT
±190
±225
±285
mA
DC Configuration
I
F=5mA, VL=6.5V, t=5ms
360
430
570
Voltage Triggered Shutdown Threshold
I
F=5mA
V
TH
100
-
-
V
On-Resistance
AC/DC Configuration
I
F=5mA, IL=120mA
R
ON
15
23
35
DC Configuration
I
F=5mA, IL=220mA
3.75
7.1
11.75
Off-State Leakage Current
V
L=600V
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, IL=100mA
t
on
-
1.22
2ms
Turn-Off
t
off
0.3
Output Capacitance
I
F=0mA, VL=20V
C
O
-18
-
pF
Input Characteristics
Input Control Current to Activate
I
L=100mA
I
F
-
0.5
2
mA
Input Control Current to Deactivate
I
L<1AIF
0.2
0.34
-
mA
LED Forward Voltage
I
F=5mA
V
F
0.9
1.24
1.5
V
Reverse Input Current
V
F = -5V
I
R
--10
A
Common Characteristics
Input to Output Capacitance
V
IO=0V, f=1MHz
C
IO
-
0.5
-
pF
Electrical Characteristics @ 25ºC
Parameter
Symbol
Configuration
Min
Typ
Max
Units
Load Current, Continuous
I
L
AC/DC
-
-
120
mA
rms / mADC
DC-Only
-
-
250
mA
DC
Input Control Current
I
F
-3
5
10
mA
Operating Temperature
T
A
-
-40
-
+85
ºC
Recommended Operating Conditions
1
3
2
4
5
6
+
–
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
V
F
1
3
2
4
5
6
+
–
Do Not Use
+ Load
– Load
DC Only Configuration
V
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com