Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ARTZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8027ARTZ-R2
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ARTZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8027ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 18Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 19Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 20Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 21Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 22Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 23Page - Analog Devices AD8027ARTZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD8027/AD8028
Rev. C | Page 24 of 24
ORDERING GUIDE
Model
Minimum
Ordering Quantity
Temperature Range
Package Description
Package Option
Branding
AD8027AR
1
–40°C to +125°C
8-Lead SOIC
R-8
AD8027AR-REEL
2,500
–40°C to +125°C
8-Lead SOIC
R-8
AD8027AR-REEL7
1,000
–40°C to +125°C
8-Lead SOIC
R-8
AD8027ARZ1
1
–40°C to +125°C
8-Lead SOIC
R-8
AD8027ARZ-REEL1
2,500
–40°C to +125°C
8-Lead SOIC
R-8
AD8027ARZ-REEL71
1,000
–40°C to +125°C
8-Lead SOIC
R-8
AD8027ART-R2
250
–40°C to +125°C
6-Lead SOT-23
RT-6
H4B
AD8027ART-REEL
10,000
–40°C to +125°C
6-Lead SOT-23
RT-6
H4B
AD8027ART-REEL7
3,000
–40°C to +125°C
6-Lead SOT-23
RT-6
H4B
AD8027ARTZ-R21
250
–40°C to +125°C
6-Lead SOT-23
RT-6
H4B#
AD8027ARTZ-REEL1
10,000
–40°C to +125°C
6-Lead SOT-23
RT-6
H4B#
AD8027ARTZ-REEL71
3,000
–40°C to +125°C
6-Lead SOT-23
RT-6
H4B#
AD8028AR
1
–40°C to +125°C
8-Lead SOIC
R-8
AD8028AR-REEL
2,500
–40°C to +125°C
8-Lead SOIC
R-8
AD8028AR-REEL7
1,000
–40°C to +125°C
8-Lead SOIC
R-8
AD8028ARZ1
1
–40°C to +125°C
8-Lead SOIC
R-8
AD8028ARZ-REEL1
2,500
–40°C to +125°C
8-Lead SOIC
R-8
AD8028ARZ-REEL71
1,000
–40°C to +125°C
8-Lead SOIC
R-8
AD8028ARM
1
–40°C to +125°C
10-Lead MSOP
RM-10
H5B
AD8028ARM-REEL
3,000
–40°C to +125°C
10-Lead MSOP
RM-10
H5B
AD8028ARM-REEL7
1,000
–40°C to +125°C
10-Lead MSOP
RM-10
H5B
AD8028ARMZ1
1
–40°C to +125°C
10-Lead MSOP
RM-10
H5B#
AD8028ARMZ-REEL1
3,000
–40°C to +125°C
10-Lead MSOP
RM-10
H5B#
AD8028ARMZ-REEL71
1,000
–40°C to +125°C
10-Lead MSOP
RM-10
H5B#
1 Z = Pb-free part, # denotes lead-free, may be top or bottom marked.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03327–0–3/05(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com