Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8062ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8062ARZ-R7
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8062ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8062ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Cost, 300 MHz
Rail-to-Rail Amplifiers
AD8061/AD8062/AD8063
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low cost
Single (AD8061), dual (AD8062)
Single with disable (AD8063)
Rail-to-rail output swing
Low offset voltage: 6 mV
High speed
300 MHz, −3 dB bandwidth (G = 1)
650 V/μs slew rate
8.5 nV/√Hz at 5 V
35 ns settling time to 0.1% with 1 V step
Operates on 2.7 V to 8 V supplies
Input voltage range = −0.2 V to +3.2 V with VS = 5 V
Excellent video specifications (RL = 150 Ω, G = 2)
Gain flatness: 0.1 dB to 30 MHz
0.01% differential gain error
0.04° differential phase error
35 ns overload recovery
Low power
6.8 mA/amplifier typical supply current
AD8063 400 μA when disabled
APPLICATIONS
Imaging
Photodiode preamps
Professional video and cameras
Handsets
DVDs/CDs
Base stations
Filters
ADC drivers
Clock buffers
CONNECTION DIAGRAMS
8
7
6
5
1
2
3
4
NC
–IN
+IN
(AD8063 ONLY)
+VS
VOUT
NC
–VS
AD8061/
AD8063
NC = NO CONNECT
(Not to Scale)
DISABLE
VOUT1
–
IN1
+IN1
–
VS
+VS
VOUT2
–
IN2
+IN2
1
2
3
4
8
7
6
5
(Not to Scale)
AD8062
Figure 1. 8-Lead SOIC (R)
Figure 2. 8-Lead SOIC (R)/MSOP (RM)
+IN
+VS
–
VS
AD8063
1
2
3
6
4
–
IN
VOUT
(Not to Scale)
5
DISABLE
+IN
+VS
–VS
1
2
3
4
–IN
VOUT
5
AD8061
(Not to Scale)
Figure 3. 6-Lead SOT-23 (RJ)
Figure 4. 5-Lead SOT-23 (RJ)
RF = 0Ω
FREQUENCY (MHz)
3
–12
1
1k
–6
100
10
0
–3
–9
VO = 0.2V p-p
RL = 1kΩ
VBIAS = 1V
RF
OUT
IN
VBIAS
50Ω
RL
RF = 50Ω
Figure 5. Small Signal Response, RF = 0 Ω, 50 Ω
GENERAL DESCRIPTION
The AD8061/AD8062/AD8063 are rail-to-rail output voltage
feedback amplifiers offering ease of use and low cost. They have
a bandwidth and slew rate typically found in current feedback
amplifiers. All have a wide input common-mode voltage range
and output voltage swing, making them easy to use on single
supplies as low as 2.7 V.
Despite being low cost, the AD8061/AD8062/AD8063 provide
excellent overall performance. For video applications, their
differential gain and phase errors are 0.01% and 0.04° into a
150 Ω load, along with 0.1 dB flatness out to 30 MHz. Addi-
tionally, they offer wide bandwidth to 300 MHz along with
650 V/μs slew rate.
The AD8061/AD8062/AD8063 offer a typical low power of
6.8 mA/amplifier, while being capable of delivering up to
50 mA of load current. The AD8063 has a power-down disable
feature that reduces the supply current to 400 μA. These features
make the AD8063 ideal for portable and battery-powered
applications where size and power are critical.


Similar Part No. - AD8062ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8062ARZ-R7 AD-AD8062ARZ-R7 Datasheet
452Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8062ARZ-R7 AD-AD8062ARZ-R7 Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results

Similar Description - AD8062ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8061 AD-AD8061 Datasheet
314Kb / 16P
Low-Cost, 300 MHz Rail-to-Rail Amplifiers
5/01-REV.C
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8648 AD-AD8648 Datasheet
339Kb / 12P
Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
Jan-2006
AD8061 AD-AD8061_05 Datasheet
452Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8063 AD-AD8063_15 Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com