Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWP220S2-R002-B Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # FWP220S2-R002-B
Description  Riedon™ Precision Power Foil Shunt Resistors by Bourns
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FWP220S2-R002-B Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  FWP220S2-R002-B Datasheet HTML 1Page - Bourns Electronic Solutions FWP220S2-R002-B Datasheet HTML 2Page - Bourns Electronic Solutions FWP220S2-R002-B Datasheet HTML 3Page - Bourns Electronic Solutions FWP220S2-R002-B Datasheet HTML 4Page - Bourns Electronic Solutions FWP220S2-R002-B Datasheet HTML 5Page - Bourns Electronic Solutions FWP220S2-R002-B Datasheet HTML 6Page - Bourns Electronic Solutions FWP220S2-R002-B Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FWP220/221 Series – Riedon™ Precision Power Foil Shunt Resistors by Bourns
FWP220T4
10R
0 1
%
Features
n
Formerly a Riedon™ product
n
Resistances from 0.002 to 10 Ω
n
Resistance tolerances to ±0.1 %
n
TCR to ±50 PPM/°C
n
Power rating to 15 watts
n
Load stability to 0.1 %
n
TO-220, TO-221 housing
n
Convenient SMD D2Pak available
n
Isolated backplate
n
Non-inductive planar construction
n
RoHS compliant*
Specifications
Bourns Model
FWP220/221 T-2
FWP220 S-2
FWP220/221 T-4
FWP220 S-4
Resistance Range (Ω)
0.002 to 10 (other resistance values possible on request)
Power Rating (W) - Free Air @ 70 °C
With Heat Sink
1.5
15
Thermal Resistance Rthj-c (°C/W)
4.8
Tolerances
from 0.002 Ω
from 0.01 Ω
from 0.1 Ω
2 % / 5 %
1 % / 2 % / 5 %
0.5 % / 1 % / 2 % / 5 %
1 % / 2 % / 5 %
0.1 % / 0.25 % / 0.5 % / 1 % / 2 % / 5 %
—
Stability
0.1 % / 0.2 % / 0.5 %
(depends on stress)
Temperature Coefficient
All from (+20 to +60 °C)
±50 PPM/°C
All from (+20 to +60 °C)
R< 5 Ω: ±25 PPM/°C
R≥ 5Ω: ±70 PPM/°C
±25 PPM/°C
(+20 to +60 °C)
±50 PPM/°C
(-40 to +130 °C)
Max. Current (A)
50
Voltage Proof (VDC)
300
Thermal EMF
< 0.1 μV/K
Operating Temperature Range
-40 to +130 °C
Resistor Material
CuNiMn-Foil
Substrate
Al2O3 or anodized aluminium
Housing
Epoxy or PPS
Connector Material
Cu / tinned
Terminals
2
4
Max. Torque
T220: 1 Nm / T221: 0.8 Nm
How To Order
FWP 220 T 2 - R002 - F
Model
FWP
Housing
220
221
Terminal Style
T = THT (Through-hole)
S = SMD (Surface Mount)
Terminals
2
4
Resistance
“R” represents decimal point
(example: R002 = 0.002 Ω,
5R00 = 5.00 Ω, 10R0 = 10 Ω)
“L” represents mΩ for resistance
(example: 3L20=0.0032)
Tolerance
B = ±0.1 %
F = ±1 %
C = ±0.25 %
G = ±2 %
D = ±0.5 %
J = ±5 %
Packaging Information
THT Terminals (T):
Tube...........................50 pcs. per tube
SMD Terminals (S):
Tape and Reel...........500 pcs. per reel
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page
of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc.,
including its logo and trademarks and the right to continue to manufacture former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
CALIFORNIA WARNING: Can expose you to lead, a carcinogen and reproductive toxicant.
See www.P65Warnings.ca.gov


Similar Part No. - FWP220S2-R002-B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FWP2272N BOURNS-FWP2272N Datasheet
740Kb / 4P
Riedon™ Foil Power Resistors by Bourns
11/25
FWP2272N-10R0-B BOURNS-FWP2272N-10R0-B Datasheet
740Kb / 4P
Riedon™ Foil Power Resistors by Bourns
11/25
FWP2272N-10R0-F BOURNS-FWP2272N-10R0-F Datasheet
740Kb / 4P
Riedon™ Foil Power Resistors by Bourns
11/25
FWP2272N-10R0-G BOURNS-FWP2272N-10R0-G Datasheet
740Kb / 4P
Riedon™ Foil Power Resistors by Bourns
11/25
FWP2272N-10R0-J BOURNS-FWP2272N-10R0-J Datasheet
740Kb / 4P
Riedon™ Foil Power Resistors by Bourns
11/25
More results

Similar Description - FWP220S2-R002-B

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FHR4-8065 RIEDON-FHR4-8065 Datasheet
387Kb / 5P
Precision Power Shunt Resistors
FPR2-T220 RIEDON-FPR2-T220 Datasheet
484Kb / 5P
Precision Power Shunt Resistors
USR2-0710 RIEDON-USR2-0710 Datasheet
261Kb / 2P
Precision Foil Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220 Datasheet
354Kb / 3P
Precision Foil Resistors
USR2-0808 RIEDON-USR2-0808_13 Datasheet
177Kb / 2P
Precision Foil Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
Precision Foil Resistors
FPR2-T220 RIEDON-FPR2-T220_14 Datasheet
622Kb / 5P
Precision Power Shunt Resistors
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
Precision Foil Resistors
FPR2B-0R05F2 RIEDON-FPR2B-0R05F2 Datasheet
622Kb / 5P
Precision Power Shunt Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com