Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM3022H-R010CKR Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # FPM3022H-R010CKR
Description  Riedon™ FPM 3xx, 4xx Precision Foil Power Resistors by Bourns
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FPM3022H-R010CKR Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  FPM3022H-R010CKR Datasheet HTML 1Page - Bourns Electronic Solutions FPM3022H-R010CKR Datasheet HTML 2Page - Bourns Electronic Solutions FPM3022H-R010CKR Datasheet HTML 3Page - Bourns Electronic Solutions FPM3022H-R010CKR Datasheet HTML 4Page - Bourns Electronic Solutions FPM3022H-R010CKR Datasheet HTML 5Page - Bourns Electronic Solutions FPM3022H-R010CKR Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Riedon™ FPM 3xx, 4xx Precision Foil Power Resistors by Bourns
DIMENSIONS:
MM
(INCHES)
Product Dimensions (continued)
45 °
8.50 ± 0.2
(.33 ± .008)
17.00 ± 0.2
(.67 ± .008)
1.40 ± 0.4
(.06 ± .016)
1.10 ± 0.1
(.04 ± .004)
2 PLCS.
2 PLCS.
1.50 ± 0.1
(.06 ± .004)
(A-Contact)
1.10 ± 0.1
(.04 ± .004)
(K-Contact)
20.32 ± 0.2
(.80 ± .008)
1.5 ± 0.1
(.06 ± .004)
x 45 °
3.20 ± 0.1
(.13 ± .004)
2.00 ± 0.1
(.08 ± .004)
5.5 ± 0.2
(.22 ± .008)
15.00 ± 0.2
(.59 ± .008)
23.40 ± 0.4
(.92 ± .016)
27.00 ± 0.2
(1.06 ± .008)
32.00 ± 0.3
(1.06 ± .012)
38.00 ± 0.3
(1.50 ± .012)
3.30 ± 0.7
(.13 ± .028)
0.8 ± 0.1
(.031 ± .004)
(A-Contact)
0.5 ± 0.1
(.020 ± .004)
(K-Contact)
FPM3252
FPM3182
45 °
4.00 ± 0.1
(.16 ± .004)
24.00 ± 0.2
(.94 ± .008)
27.00 ± 0.2
(1.06 ± .008)
30.00 ± 0.2
(1.18 ± .008)
1.40 ± 0.4
(.06 ± .016)
1.10 ± 0.1
(.04 ± .004)
2 PLCS.
2 PLCS.
1.50 ± 0.1
(.06 ± .004)
(A-Contact)
1.10 ± 0.1
(.04 ± .004)
(K-Contact)
20.32 ± 0.2
(.80 ± .008)
1.5 ± 0.1
(.06 ± .004)
x 45 °
3.20 ± 0.1
(.13 ± .004)
2 PLCS.
15.00 ± 0.2
(.59 ± .008)
2.00 ± 0.1
(.08 ± .004)
5.5 ± 0.2
(.22 ± .008)
15.00 ± 0.2
(.59 ± .008)
30.40 ± 0.4
(1.20 ± .016)
3.30 ± 0.7
(.13 ± .028)
0.8 ± 0.1
(.031 ± .004)
(A-Contact)
0.5 ± 0.1
(.020 ± .004)
(K-Contact)
Americas: Tel: +1 951-781-5500 • Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400 • Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
www.bourns.com
REV. 01/26
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com