Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8062ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD8062ARM
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8062ARM Datasheet HTML 12Page - Analog Devices AD8062ARM Datasheet HTML 13Page - Analog Devices AD8062ARM Datasheet HTML 14Page - Analog Devices AD8062ARM Datasheet HTML 15Page - Analog Devices AD8062ARM Datasheet HTML 16Page - Analog Devices AD8062ARM Datasheet HTML 17Page - Analog Devices AD8062ARM Datasheet HTML 18Page - Analog Devices AD8062ARM Datasheet HTML 19Page - Analog Devices AD8062ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8061/AD8062/AD8063
Rev. E | Page 16 of 20
CAPACITIVE LOAD DRIVE
DISABLE OPERATION
The AD8061/AD8062/AD8063 family is optimized for
bandwidth and speed, not for driving capacitive loads. Output
capacitance creates a pole in the amplifier’s feedback path,
leading to excessive peaking and potential oscillation. If dealing
with load capacitance is a requirement of the application, the
two strategies to consider are as follows:
The internal circuit for the AD8063 disable function is shown
in Figure 52. When the DISABLE node is pulled below 2 V
from the positive supply, the supply current decreases from
typically 6.5 mA to under 400 μA, and the AD8063 output
enters a high impedance state. If the DISABLE node is not
connected and allowed to float, the AD8063 stays biased at
full power.
•
Use a small resistor in series with the amplifier’s output and
the load capacitance.
VCC
DISABLE
TO AMPLIFIER
BIAS
VEE
2V
•
Reduce the bandwidth of the amplifier’s feedback loop by
increasing the overall noise gain.
Figure 50 shows a unity-gain follower using the series resistor
strategy. The resistor isolates the output from the capacitance
and, more importantly, creates a zero in the feedback path that
compensates for the pole created by the output capacitance.
AD8061
VO
RSERIES
CLOAD
VIN
Figure 52. Disable Circuit of the AD8063
Figure 34 shows the AD8063 supply current vs. DISABLE
voltage. Figure 35 plots the output seen when the AD8063 input
is driven with a 10 MHz sine wave, and DISABLE is toggled
from 0 V to 5 V, illustrating the part’s turn-on and turn-off
time. Figure 33 shows the input/output isolation response with
the AD8063 shut off.
Figure 50. Series Resistor Isolating Capacitive Load
Voltage feedback amplifiers like those in the AD8061/AD8062/
AD8063 family are able to drive more capacitive load without
excessive peaking when used in higher gain configurations
because the increased noise gain reduces the bandwidth of the
overall feedback loop. Figure 51 plots the capacitance that
produces 30% overshoot vs. noise gain for a typical amplifier.
BOARD LAYOUT CONSIDERATIONS
CLOSED-LOOP GAIN
10k
1k
10
1
2
5
100
34
RS = 0
RS = 4.7
Maintaining the high speed performance of the AD8061/AD8062/
AD8063 family requires the use of high speed board layout
techniques and low parasitic components.
The PCB should have a ground plane covering unused portions
of the component side of the board to provide a low impedance
path. Remove the ground plane near the package to reduce
parasitic capacitance.
Proper bypassing is critical. Use a ceramic 0.1 μF chip capacitor
to bypass both supplies. Locate the chip capacitor within 3 mm
of each power pin. Additionally, connect in parallel a 4.7 μF to
10 μF tantalum electrolytic capacitor to provide charge for fast,
large signal changes at the output.
Minimizing parasitic capacitance at the amplifier’s inverting
input pin is very important. Locate the feedback resistor close to
the inverting input pin. The value of the feedback resistor may
come into play—for instance, 1 kΩ interacting with 1 pF of
parasitic capacitance creates a pole at 159 MHz. Use stripline
design techniques for signal traces longer than 25 mm. Design
them with either 50 Ω or 75 Ω characteristic impedance and
proper termination at each end.
Figure 51. Capacitive Load vs. Closed-Loop Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com