Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ART-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8067ART-R2
Description  High Gain Bandwidth Product, Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ART-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8067ART-R2 Datasheet HTML 16Page - Analog Devices AD8067ART-R2 Datasheet HTML 17Page - Analog Devices AD8067ART-R2 Datasheet HTML 18Page - Analog Devices AD8067ART-R2 Datasheet HTML 19Page - Analog Devices AD8067ART-R2 Datasheet HTML 20Page - Analog Devices AD8067ART-R2 Datasheet HTML 21Page - Analog Devices AD8067ART-R2 Datasheet HTML 22Page - Analog Devices AD8067ART-R2 Datasheet HTML 23Page - Analog Devices AD8067ART-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8067
Rev. A | Page 21 of 24
FREQUENCY – MHz
44
24
26
28
30
32
34
36
38
40
42
0.1
1
10
100
AD8067
C2
0.1
μF
1
C1
10
μF
+5V
–5V
5
2
4
3
AD8009
C6
0.001
μF
6
C8
0.1
μF
+5V
7
2
3
4
C11
0.01
μF
C10
0.001
μF
–5V
C3
10
μF
C4
0.1
μF
INPUT
R4
200
Ω
R3
21.5
Ω
OUTPUT
R5
50
Ω
R1
51.1
Ω
R2
4.99k
Ω
C7
10
μF
C9
10
μF
C5
5pF
Figure 57. AD8067/AD8009 Composite Amplifier AV = 100, GBWP = 6.1 GHz
Figure 58. Gain Bandwidth Response
The composite amplifier is set for a gain of 100. The overall gain
is set by
M 25ns CH1
0V
CH1 1V
T
C1 AMPL
4V
1
+
=
R1
R2
V
V
I
O
The output stage is set for a gain of 10; therefore, the AD8067
has an effective gain of 10, thereby allowing it to maintain a
bandwidth in excess of 55 MHz.
The circuit can be tailored for different gain values; keeping the
ratios roughly the same ensures that the bandwidth integrity is
maintained. Depending on the board layout, Capacitor C5 can
be required to reduce ringing on the output. The gain bandwidth
and pulse responses are shown in Figure 58, Figure 59, and
Figure 60.
Figure 59. Large Signal Response
Layout of this circuit requires attention to the routing and
length of the feedback path. It should be kept as short as
possible to minimize stray capacitance.
M 25ns CH1
0V
C1 AMPL
480mV
CH1 200mV
T
Figure 60. Small Signal Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com