Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM3024H-R010DKR Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # FPM3024H-R010DKR
Description  Riedon™ FPM 3xx, 4xx Precision Foil Power Resistors by Bourns
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FPM3024H-R010DKR Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  FPM3024H-R010DKR Datasheet HTML 1Page - Bourns Electronic Solutions FPM3024H-R010DKR Datasheet HTML 2Page - Bourns Electronic Solutions FPM3024H-R010DKR Datasheet HTML 3Page - Bourns Electronic Solutions FPM3024H-R010DKR Datasheet HTML 4Page - Bourns Electronic Solutions FPM3024H-R010DKR Datasheet HTML 5Page - Bourns Electronic Solutions FPM3024H-R010DKR Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Riedon™ FPM 3xx, 4xx Precision Foil Power Resistors by Bourns
Temperature Coefficient
4000
2000
0
-2000
-4000
-6000
-8000
-10000
-12000
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
NOMINAL
Δ R/R
LIMIT 1
LIMIT 2
How To Order
FPM 325 4 H - 10R0 F A Q
Model
FPM302
FPM318
FPM325
FPM418
Terminals
2 = 2
4 = 4
Special Code
(blank) = Standard
H = Advanced Heat Sink
Resistance (Ω)
4 digits: “R” represents decimal point (example: R010 = 0.010 Ω
10R0 = 10 Ω, 100R = 100 Ω)
3 digits: “L” presents mΩ for resistance
(example: 3L20 = 0.0032 Ω, 6L80 = 0.0068 Ω)
Tolerance (%)
B = ±0.1
F = ±1
C = ±0.25
G = ±2
D = ±0.5
J = ±5
Terminal Type
K = Contact K (50 A max. current)
A = Contact A (150 A max. current)
F = Contact F (200 A max. current)
TCR (PPM/°C)
R = ±50
Q = ±25
P = ±15
Power Derating Curve
120
100
80
60
40
20
0
25
50
0.5 %
0.2 %
0.1 %
85
100
115
130
TEMPERATURE OF THE BACKPLATE (°C)
Power Rating Notes
The FPM Series Resistors must be attached to a suitable heat
sink. The maximum internal resistor temperature is 130 °C.
To specify an appropriate heat sink use the following formula:
RθH = TMAX - (P x RθR) - TA
P
Where: RθH = Thermal Resistance of Heat Sink (K/W)
RθR = Thermal Resistance of Resistor (K/W)
TMAX = Maximum Temperature of Resistor
TA = Ambient Temperature of Heat Sink (°C)
P = Power Through Resistor (W)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Packaging Specifications
FPM3022, FPM3182, FPM3254, FPM4184
Bulk ................................................................ 100 pcs. per box
FPM3254H
Bulk .................................................................. 50 pcs. per box
Typical Part Marking
FPM3182
2R00F A
MANUFACTURER’S
TRADEMARK
MODEL
NUMBER OF
TERMINALS
RESISTANCE CODE:
“R” REPRESENTS
DECIMAL POINT
(EXAMPLES: R005 = 0.005 Ω,
10R0 = 10 Ω)
RESISTANCE
TOLERANCE
TERMINAL TYPE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com