Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV420-18-R050PK Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # FPV420-18-R050PK
Description  Riedon™ Ultra Precision Power Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FPV420-18-R050PK Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  FPV420-18-R050PK Datasheet HTML 1Page - Bourns Electronic Solutions FPV420-18-R050PK Datasheet HTML 2Page - Bourns Electronic Solutions FPV420-18-R050PK Datasheet HTML 3Page - Bourns Electronic Solutions FPV420-18-R050PK Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FPV Series – Riedon™ Ultra Precision Power Resistors by Bourns
Features
n
Formerly a Riedon™ product
n
Resistances from 0.05 Ω to 650 Ω
n
Power rating to 50 watts
n
Resistance tolerances to ±0.01 %
n
TCR to ±1 PPM/°C
n
Load stability to 0.01 %
n
Isolated backplate
n
RoHS compliant*
Applications
n
Current sense
n
Battery management systems
n
Power supplies
n
Motor drives
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Additional Information
Click these links for more information:
Specifications
Characteristic
FPV325-18 FPV420-30 FPV325-20 FPV420-50
Resistance Range (Ω)1
0.05 - 650
0.05 - 100
0.05 - 650
0.05 - 100
Power Rating (W)2
Free Air @ 70 °C
With Heat SInk
3
18
2.5
30
3
20
2.5
50
Thermal Resistance Rthj-c (K/W)
3.5
3.6
2.1
2.2
Tolerances
0.05Ω ≤ R <10 Ω
10.0 Ω ≤ R < 50.0 Ω
50.0 Ω ≤ R
0.1 % / 0.25 % / 0.5 % / 1 %
0.05 % / 0.1 % / 0.25 % / 0.5 % / 1 %
0.01 % / 0.02 % / 0.05 % / 0.1 % / 0.25 % / 0.5 % / 1 %
Stability
0.01 %
Shelf Life Stability
25 PPM / ΔR after 1 year
50 PPM / ΔR after 3 years
Temperature Coefficient
325: (+25 °C to +60 °C)
420: (-55 °C to +125 °C)
±5 PPM/°C
±3 PPM/°C (Standard)
±1 PPM/°C (only from +25 °C to +60 °C)
Voltage Proof
750 VDC
Max. Current
15 A
Thermal EMF
<0.1 µV/K
Terminals
4
Notes:
1
Other resistance values available upon request.
2
Power rating dependent upon resistance value.
General Specifications
Operating Temperature Range
................................ -55 °C to +155 °C
Resistor Material........................NiCr-Foil
Substrate
18 W / 30 W ................................Al2O3
20 W / 50 W ...................................AlN
Housing ..................Epoxy + Al-heat sink
Connector Material .................. Cu tinned
Terminals ...............................................4
Max. Torque................................. 1.0 Nm
75
50
25
0
25
50
75
1000
125
150
Temperature (°C)
200
100
0
-100
-200
-300
-400
-500
-600
-700
NOMINAL
Δ R/R
NOMINAL SPREAD ±2.3 PPM/°C
NOMINAL SPREAD ±2.3 PPM/°C
Temperature Coefficient
How to Order
FPV 325 - 20 - R050 B S
Model
FPV
Size
325 = 3425
420 = 4020
Power Rating
18 = 18 W
20 = 20 W
30 = 30 W
50 = 50 W
Resistance
“R” represents decimal point
(example: R050 = 0.05 Ω,
650R = 650 Ω)
Tolerance
L = ±0.01 %
C = ±0.25 %
P = ±0.02 %
D = ±0.5 %
W = ±0.05 %
F = ±1.0 %
B = ±0.1 %
TCR (PPM/°C)
K = ±1
S = ±3 (Standard)
M = ±5
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries. In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain
assets of Riedon, Inc., including its logo and trademarks and the right to continue to manufacture former Riedon™ products. “Riedon Logo” is a registered trademark of BE Services
Company, Inc., in the United States. “Riedon” is a trademark of BE Services Company, Inc.
CALIFORNIA WARNING: Can expose you to lead, a carcinogen and reproductive toxicant.
See www.P65Warnings.ca.gov


Similar Part No. - FPV420-18-R050PK

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPV SHIELD-FPV Datasheet
307Kb / 2P
MAGNETIC SWITCHES
logo
Eaton All Rights Reserv...
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
logo
Vicor Corporation
FPV1006-125-R VICOR-FPV1006-125-R Datasheet
1Mb / 30P
8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
FPV1006-125-R VICOR-FPV1006-125-R Datasheet
2Mb / 41P
8V to 36VIN Cool-Power ZVS Buck Regulator Family
logo
Eaton All Rights Reserv...
FPV1006-125-R EATON-FPV1006-125-R Datasheet
259Kb / 4P
High current power inductors
More results

Similar Description - FPV420-18-R050PK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
Ultra Precision Leaded Resistors
08-Mar-04
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
Ultra-High Value Precision Resistors
CAR WELWYN-CAR Datasheet
109Kb / 2P
Ultra Precision Metal Film Resistors
logo
Willow Technologies Ltd
RL55 WILLOW-RL55 Datasheet
120Kb / 2P
ULTRA PRECISION METAL FILM RESISTORS
logo
RCD COMPONENTS INC.
BLU1206P-10R0-FB RCD-BLU1206P-10R0-FB Datasheet
358Kb / 1P
ULTRA PRECISION CHIP RESISTORS
MA207P-R100-F RCD-MA207P-R100-F Datasheet
42Kb / 1P
ULTRA PRECISION WIREWOUND RESISTORS
logo
Tyco Electronics
UPW15 MACOM-UPW15 Datasheet
373Kb / 2P
Ultra Precision Wire-Wound Resistors
logo
Bourns Electronic Solut...
CR00201-FW-8252ELF BOURNS-CR00201-FW-8252ELF Datasheet
312Kb / 8P
Bourns Chip Resistors and Arrays
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
Ultra-High Value Precision Resistors
logo
Token Electronics Indus...
HI80 TOKEN-HI80 Datasheet
917Kb / 12P
Ultra-Precision High-Power High-Voltage Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com