Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV325-30-R050PK Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # FPV325-30-R050PK
Description  Riedon™ Ultra Precision Power Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FPV325-30-R050PK Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  FPV325-30-R050PK Datasheet HTML 1Page - Bourns Electronic Solutions FPV325-30-R050PK Datasheet HTML 2Page - Bourns Electronic Solutions FPV325-30-R050PK Datasheet HTML 3Page - Bourns Electronic Solutions FPV325-30-R050PK Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power Derating Curve
120
100
80
60
40
20
0
25
50
85
100
115
155
145
130
TEMPERATURE OF THE BACKPLATE (°C)
Power Rating Notes
The FPV Series Resistors must be attached to a suitable heat
sink. The maximum internal resistor temperature is 155 °C.
To specify an appropriate heat sink use the following formula:
RθH = TMAX - (P x RθR) - TA
P
Where: RθH = Thermal Resistance of Heat Sink (K/W)
RθR = Thermal Resistance of Resistor (K/W)
TMAX = Maximum Temperature of Resistor
TA = Ambient Temperature of Heat Sink (°C)
P = Power Through Resistor (W)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Typical Part Marking
FPVxxx-xx
R050 0.5%
MANUFACTURER’S
TRADEMARK
MODEL
SIZE
POWER RATING
RESISTANCE CODE:
“R” REPRESENTS
DECIMAL POINT
(EXAMPLES: R050 = 0.05 Ω,
10R0 = 10 Ω)
RESISTANCE
TOLERANCE
Packaging Information
Bulk ..........................................................................................50 pcs./box
FPV Series – Riedon™ Ultra Precision Power Resistors by Bourns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com