Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55900000001 Datasheet(PDF) 2 Page - Littelfuse

Part # 55900000001
Description  Fuse Blocks for TE5/TR5 Type Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

55900000001 Datasheet(HTML) 2 Page - Littelfuse

  55900000001 Datasheet HTML 1Page - Littelfuse 55900000001 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fuse Block Datasheet
© 2025 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 12/02/25
2
559/560 Series
Fuse Blocks for TE5/TR5 Type Fuses
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100° C
Temperature Maximum:
150° C
Preheat Time:
60-180 seconds
Solder Pot Temperature:
260° C Maximum
Solder Dwell Time:
2-5 seconds
Recommended Process Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
Note: These devices are not recommended for IR or Convection Reflow process.
Recommended Hand-Solder Parameters:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com