Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H18N20HD Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H18N20HD
Description  200V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H18N20HD Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H18N20HD Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H18N20HD Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H18N20HD Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H18N20HD Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H18N20HD Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. H18N20HD Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd. H18N20HD Datasheet HTML 7Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 1 of 7
H18N20HD
200V N-Channel MOSFET
Features:
• Fast switching speed
• 100% avalanche tested
• Improved dv/dt capability
•
Enhanced Avalanche Ruggedness
•
Lead Free
Applications:
•
Synchronous Rectification in SMPS
•
Hard Switching and High Speed Circuit
• Power Managment
• Load Switch
Ordering Information
Part Number
Package
Marking
Packing
Qty.
H18N20HD
TO-252
H18N20HD
Tape&reel
2500 PCS
Absolute Maximun Ratings (Tc= 2 5℃ unless otherwise specified)
Symbol
Parameter
Rating
Units
VDS
Drain-to-Source Voltage
200
V
VGS
Gate- to- Source Voltage
±30
V
ID
Continuous Drain Current TC=25℃
18
A
Continuous Drain Current TC=100℃
11
IDM
Pulsed Drain Current
72
PD
Power Dissipation
130
W
EAS
Single Pulse Avalanche Engergy
L = 10mH, RG = 25 Ω,TC=25℃
580
mJ
TJ, TSTG
Operating Junction and Storage Temperature Range
-55 to 150
℃
Thermal Characteristics
Symbol
Parameter
Typ
Max
Unit
RθJC
Thermal Resistance Junction-Case
--
0.84
℃
/ W
RθJA
Thermal Resistance Junction-Ambient
--
62.5
℃
/ W
VDSS
RDS(ON)(Typ )
ID
200V
130mΩ
18A


Similar Part No. - H18N20HD

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H18N20HDC HUIXIN-H18N20HDC Datasheet
599Kb / 7P
200V N-Channel MOSFET
More results

Similar Description - H18N20HD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
200V N-Channel MOSFET
FQB10N20 FAIRCHILD-FQB10N20 Datasheet
794Kb / 9P
200V N-Channel MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2 Datasheet
615Kb / 9P
200V N-Channel MOSFET
FQP19N20 FAIRCHILD-FQP19N20 Datasheet
705Kb / 8P
200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
200V N-Channel MOSFET
FQPF10N20 FAIRCHILD-FQPF10N20 Datasheet
777Kb / 8P
200V N-Channel MOSFET
IRFM220B FAIRCHILD-IRFM220B Datasheet
727Kb / 8P
200V N-Channel MOSFET
IRFP250B FAIRCHILD-IRFP250B Datasheet
669Kb / 8P
200V N-Channel MOSFET
IRFS650B FAIRCHILD-IRFS650B Datasheet
651Kb / 8P
200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com