Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8022ARMZ
Description  Dual High Speed, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8022ARMZ Datasheet HTML 2Page - Analog Devices AD8022ARMZ Datasheet HTML 3Page - Analog Devices AD8022ARMZ Datasheet HTML 4Page - Analog Devices AD8022ARMZ Datasheet HTML 5Page - Analog Devices AD8022ARMZ Datasheet HTML 6Page - Analog Devices AD8022ARMZ Datasheet HTML 7Page - Analog Devices AD8022ARMZ Datasheet HTML 8Page - Analog Devices AD8022ARMZ Datasheet HTML 9Page - Analog Devices AD8022ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8022
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
5
2
1
3
4
0
–5
–4
–3
–2
–1
0.1
1
10
100
500
RF
50
Ω
50
Ω
50
Ω
VIN
VOUT
RF = 715Ω
RF = 0Ω
RF = 402Ω
Figure 4. Frequency Response vs. RF, G = +1, VS = ±12 V, VIN = 63 mV p-p
FREQUENCY (Hz)
0.4
0.1
0
0.2
0.3
–0.1
–0.6
–0.5
–0.4
–0.3
–0.2
100k
1M
10M
100M


G = +2
RL = 500Ω
±12V
±5.0V
±2.5V
Figure 5. Fine-Scale Gain Flatness vs. Frequency, G = +2
FREQUENCY (Hz)
0.4
0.1
0
0.2
0.3
–0.1
–0.6
–0.5
–0.4
–0.3
–0.2
100k
1M
10M
100M
G = +2
RL = 500Ω
±12V
±5.0V
±2.5V
Figure 6. Fine-Scale Gain Flatness vs. Frequency, G = +1
FREQUENCY (MHz)
5
2
1
3
4
0
–5
–4
–3
–2
–1
0.1
1
10
100
500
402
Ω
453
Ω
56.2
Ω
50
Ω
VIN
VOUT
VIN = 0.05V p-p
VIN = 0.2V p-p
VIN = 2.0V p-p
VIN = 0.8V p-p
VIN = 0.4V p-p
Figure 7. Frequency Response vs. Signal Level, VS = ±12 V, G = +1
FREQUENCY (kHz)
5
2
1
3
4
0
–5
–4
–3
–2
–1
0.1
1
10
100
500
453
Ω
715
Ω
715
Ω
56.2
Ω
50
Ω
VIN
VOUT
RS
CL
50pF
30pF
0pF
Figure 8. Frequency Response vs. Capacitive Load; CL = 0 pF and 50 pF; RS = 0 Ω
SUPPLY VOLTAGE (±V)
140
80
60
100
120
40
0
20
0
2
4
6
8
10
12
14
G = +1, RF = 402Ω
G = +2, RF = 715Ω
Figure 9. Bandwidth vs. Supply, RL = 500 Ω, VIN = 200 mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com