Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8067ARTZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8067ARTZ-R2
Description  High Gain Bandwidth Product, Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067ARTZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8067ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 18Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 19Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 20Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 21Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 22Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 23Page - Analog Devices AD8067ARTZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8067
Rev. A | Page 22 of 24
OUTLINE DIMENSIONS
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
5
12
3
4
0.22
0.08
10°
5°
0°
0.50
0.30
0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
2.90 BSC
0.60
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178-AA
Figure 61. 5-Lead Small Outline Transistor Package [SOT-23}
(RT-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8067ART-REEL
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB
AD8067ART-REEL7
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB
AD8067ART-R2
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB
AD8067ARTZ-REEL1
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB#
AD8067ARTZ-REEL71
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB#
AD8067ARTZ-R21
–40°C to +85°C
5-Lead SOT-23
RT-5
HAB#
1 Z = Pb-free part, # denotes lead-free product may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com