Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4410-6ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4410-6ACPZ-R2
Description  Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4410-6ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADA4410-6ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4410-6ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADA4410-6
Rev. C | Page 3 of 16
SPECIFICATIONS
VS = 5 V, @ TA = 25°C, VO = 1.4 V p-p, G = ×2, RL = 150 Ω, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL PERFORMANCE
Offset Error
Input referred, all channels except CV
10
32
mV
Input referred, CV
12
40
mV
Max Voltage Across LEVEL1 and LEVEL2 Inputs
±500
mV
Input Voltage Range, All Inputs
VS− − 0.1
VS+ − 2.0
V
Output Voltage Swing, All Outputs
Positive swing
VS+ − 0.35
VS+ − 0.25
V
Negative swing
VS− + 0.10
VS− + 0.3
V
Linear Output Current per Channel
30
mA
Integrated Voltage Noise, Referred to Input
All channels except CV
500
µVrms
Filter Input Bias Current
All channels
6.6
15
µA
Total Harmonic Distortion at 1 MHz
FC = 36 MHz, FC = 18 MHz/FC = 9 MHz
0.01/0.07
%
RGB/YPbPr CHANNEL DYNAMIC PERFORMANCE
−1 dB Bandwidth
Cutoff frequency select = 36 MHz
31
MHz
Cutoff frequency select = 18 MHz
15
MHz
Cutoff frequency select = 9 MHz
8
MHz
−3 dB Bandwidth
Cutoff frequency select = 36 MHz
34
36
MHz
Cutoff frequency select = 18 MHz
16
18
MHz
Cutoff frequency select = 9 MHz
8
9
MHz
Out-of-Band Rejection
f = 75 MHz
−33
−42
dB
Crosstalk
f = 5 MHz, FC = 36 MHz
−68
dB
Input Mux Isolation
f = 1 MHz, RSOURCE = 300 Ω
86
dB
Propagation Delay
f = 16 MHz, FC = 36 MHz
20.5
ns
Group Delay Variation
Cutoff frequency select = 36 MHz
9.5
ns
Cutoff frequency select = 18 MHz
16.5
ns
Cutoff frequency select = 9 MHz
29.5
ns
Y/C SD CHANNEL DYNAMIC PERFORMANCE
−1 dB Bandwidth
7.5
MHz
−3 dB Bandwidth
8
9
MHz
Out-of-Band Rejection
f = 27 MHz
−56
dB
Propagation Delay
f = 1 MHz
72
ns
Group Delay Variation
30
ns
Crosstalk
f = 1 MHz
−72
dB
Input Mux Isolation
f = 1 MHz, RSOURCE = 75 Ω
77
dB
Y/C, CV OUTPUT VIDEO PERFORMANCE
Differential Gain
NTSC
0.09
%
Differential Phase
NTSC
0.37
Degrees
CONTROL INPUT PERFORMANCE
Input Logic 0 Voltage
All inputs except DISABLE
0.8
V
Input Logic 1 Voltage
All inputs except DISABLE
2.0
V
Input Bias Current
All inputs except DISABLE
7
15
µA
DISABLE PERFORMANCE
DISABLE Assert Voltage
VS+ − 0.5
V
DISABLE Assert Time
100
ns
DISABLE Deassert Time
130
ns
DISABLE Input Bias Current
12
20
µA
Input-to-Output Isolation—Disabled
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com