Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4417-3ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4417-3ARMZ
Description  Integrated Triple Video Filter for High Definition Video
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4417-3ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADA4417-3ARMZ Datasheet HTML 1Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 2Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 3Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 4Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 5Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 6Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 7Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 8Page - Analog Devices ADA4417-3ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated Triple Video Filter
for High Definition Video
ADA4417-3
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Optimized for high definition video
Sixth-order Butterworth filters
−1 dB bandwidth of 38 MHz
44 dB rejection at 75 MHz
5 ns group delay variation
Fixed throughput gain of ×2
0.06% differential gain
0.21° differential phase
Pin selectable output offset (DCO)
Single-supply operation
3.3 V to 5 V range
Rail-to-rail output
Output ESD protection exceeds 8 kV
Small packaging: 10-lead MSOP
APPLICATIONS
Set-top boxes
HDTVs
Projectors
DVD players/recorders
Personal video recorders
FUNCTIONAL BLOCK DIAGRAM
Y/G IN
×2
Y/G OUT
Pb/B IN
×2
Pb/B OUT
Pr/R IN
DCO
DISABLE
×2
×1
×1
×1
Pr/R OUT
36MHz
36MHz
36MHz
ADA4417-3
Figure 1.
GENERAL DESCRIPTION
The ADA4417-3 is a low cost, fully integrated, video
reconstruction filter specifically designed for consumer high
definition video. With 1 dB frequency flatness out to 38 MHz,
and 44 dB of rejection at 75 MHz, the ADA4417-3 can handle
the most demanding HD video applications.
The ADA4417-3 operates on a single 3.3 V to 5 V supply. It is
well-suited for applications where power consumption is
critical. A disable feature allows for further power conservation
by reducing the supply current to 10 μA (typical) when the
device is not in use. With rail-to-rail output, it can be efficiently
used on a 3.3 V supply, while providing the user with a 2 V p-p
output. The buffers can drive two 75 Ω terminated loads, either
dc- or ac-coupled.
The ADA4417-3 also has an output dc offset function that can
operate in two states. When the DCO pin is tied to VCC, the
video signal at the output is offset by 200 mV. When the DCO
pin is tied to ground, the output dc level follows the input level.
The ADA4417-3 is available in a 10-lead MSOP package and is
rated for operation over the extended industrial temperature
range of −40°C to +85°C.


Similar Part No. - ADA4417-3ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4417-3ARMZ AD-ADA4417-3ARMZ Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
ADA4417-3ARMZ-R7 AD-ADA4417-3ARMZ-R7 Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
ADA4417-3ARMZ-RL AD-ADA4417-3ARMZ-RL Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
More results

Similar Description - ADA4417-3ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4417-3 AD-ADA4417-3 Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
Triple video buffer with filter for SD video
21-Mar-2007
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
Triple, Standard Definition Video Amplifiers
logo
STMicroelectronics
TSH346 STMICROELECTRONICS-TSH346 Datasheet
380Kb / 18P
Triple video buffer/filter for HD video applications
16-Dec-2008
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
logo
SG Micro Corp
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
Definition Video Filter Driver
SGM9126 SGMICRO-SGM9126 Datasheet
293Kb / 10P
Definition Video Filter Driver
logo
Analog Devices
ADA4412-3 AD-ADA4412-3_15 Datasheet
385Kb / 16P
Integrated Triple Video Filter with Selectable
REV. 0
ADA4417-3 AD-ADA4417-3_15 Datasheet
435Kb / 16P
Integrated Triple Video Filter for High Definition Video
REV. A
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
Three-Channel, High-Definition Video Filter
Rev 0; 1/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com