Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1BRJZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4432-1BRJZ-R7
Description  SD Video Filter Amplifiers with Output Short-to-Battery Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4432-1BRJZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4432-1BRJZ-R7 Datasheet HTML 9Page - Analog Devices ADA4432-1BRJZ-R7 Datasheet HTML 10Page - Analog Devices ADA4432-1BRJZ-R7 Datasheet HTML 11Page - Analog Devices ADA4432-1BRJZ-R7 Datasheet HTML 12Page - Analog Devices ADA4432-1BRJZ-R7 Datasheet HTML 13Page - Analog Devices ADA4432-1BRJZ-R7 Datasheet HTML 14Page - Analog Devices ADA4432-1BRJZ-R7 Datasheet HTML 15Page - Analog Devices ADA4432-1BRJZ-R7 Datasheet HTML 16Page - Analog Devices ADA4432-1BRJZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADA4432-1/ADA4433-1
Rev. E | Page 13 of 25
Figure 31. Differential Gain Plot
Figure 32. Output Balance Error vs. Frequency
Figure 33. Enable (ENA)/Disable Time
Figure 34. Differential Phase Plot
Figure 35. Total Output Common-Mode Offset Voltage Drift
(−40°C to +125°C)
Figure 36. Supply Current vs. Enable Voltage at Various Temperatures
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
1
2
3
4
5
6
7
8
9
10
11
f = 3.58MHz
–60
–55
–50
–45
–40
–35
–30
–25
0.1
1
6
FREQUENCY (MHz)
VOUT = 2.0V p-p
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–200
0
200
400
600
800
1000 1200 1400 1600 1800
TIME (ns)
VENA
+VOUT
–VOUT
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
1
2
3
4
5
6
7
8
9
10
11
f = 3.58MHz
–0.04
–0.02
0
OUTPUT COMMON-MODE OFFSET DRIFT (V)
0.02
0.04
0
10
20
30
40
50
N = 300
0
2
4
6
8
10
12
14
16
18
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
ENABLE VOLTAGE (V)
+125°C
+25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com