Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3232M Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS3232M
Description  ±5ppm, I2C Real-Time Clock with SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS3232M Datasheet HTML 15Page - Maxim Integrated Products DS3232M Datasheet HTML 16Page - Maxim Integrated Products DS3232M Datasheet HTML 17Page - Maxim Integrated Products DS3232M Datasheet HTML 18Page - Maxim Integrated Products DS3232M Datasheet HTML 19Page - Maxim Integrated Products DS3232M Datasheet HTML 20Page - Maxim Integrated Products DS3232M Datasheet HTML 21Page - Maxim Integrated Products DS3232M Datasheet HTML 22Page - Maxim Integrated Products DS3232M Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
21
Maxim Integrated
Slave Address Byte: Each slave on the I2C bus
responds to a slave address byte sent immediately
following a START condition. The slave address byte
contains the slave address in the most significant 7
bits and the R/W bit in the least significant bit. The
device’s slave address is D0h and cannot be modi-
fied by the user. When the R/W bit is 0 (such as in
D0h), the master is indicating it writes data to the
slave. If R/W = 1 (D1h in this case), the master is
indicating it wants to read from the slave. If an incor-
rect slave address is written, the device assumes the
master is communicating with another I2C device and
ignore the communication until the next START condi-
tion is sent.
Memory Address: During an I2C write operation, the
master must transmit a memory address to identify
the memory location where the slave is to store the
data. The memory address is always the second byte
transmitted during a write operation following the
slave address byte.
I2C Communication
See Figure 10 for an I2C communication example.
Writing a Single Byte to a Slave: The master must
generate a START condition, write the slave address
byte (R/W = 0), write the memory address, write
the byte of data, and generate a STOP condition.
Remember the master must read the slave’s acknowl-
edgment during all byte write operations.
Writing Multiple Bytes to a Slave: To write multiple
bytes to a slave, the master generates a START con-
dition, writes the slave address byte (R/W = 0), writes
the starting memory address, writes multiple data
bytes, and generates a STOP condition.
Reading a Single Byte from a Slave: Unlike the write
operation that uses the specified memory address
byte to define where the data is to be written, the read
operation occurs at the present value of the memory
address counter. To read a single byte from the slave,
the master generates a START condition, writes the
Figure 10. I2C Transactions
SLAVE
ADDRESS
START
START
1
1
0
1
0
0
0
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
R/W
MSB
LSB
MSB
LSB
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
READ/
WRITE
REGISTER ADDRESS
b7
b6
b5
b4
b3
b2
b1
b0
DATA
STOP
SINGLE BYTE WRITE
-WRITE CONTROL REGISTER
TO 44h
MULTIBYTE WRITE
-WRITE DATE REGISTER
TO "02" AND MONTH
REGISTER TO "11"
SINGLE BYTE READ
-READ CONTROL REGISTER
MULTIBYTE READ
-READ ALARM 2 HOURS
AND DATE VALUES
START
REPEATED
START
D1h
MASTER
NACK
STOP
1 1010000
00001110
0Eh
1 1010001
1101000 0
0 000111 0
D0h
0Eh
STOP
VALUE
START 11010000
00000100
D0h
04h
DATA
MASTER
NACK
STOP
VALUE
DATA
02h
44h
EXAMPLE I2C TRANSACTIONS
TYPICAL I2C WRITE TRANSACTION
01000100
00000010
D0h
A)
C)
B)
D)
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
REPEATED
START
D1h
MASTER
ACK
1 1010001
VALUE
DATA
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
START 11010000
00001100
D0h
0Ch
SLAVE
ACK
SLAVE
ACK
STOP
11h
0001000 1
SLAVE
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com