Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4433-1BCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4433-1BCPZ-R7
Description  SD Video Filter Amplifiers with Output Short-to-Battery Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4433-1BCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4433-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4433-1BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4433-1BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4433-1BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4433-1BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4433-1BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4433-1BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4433-1BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4433-1BCPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
ADA4432-1/ADA4433-1
Rev. E | Page 19 of 25
PIN-COMPATIBLE ADA4432-1 AND ADA4433-1
The ADA4432-1 and ADA4433-1 are single-ended output and
differential output, respectively, short-to-battery protected video
filters for automotive applications. Each version shares a common
package, the 8-lead LFSCP, which allows them to share a common
pinout and footprint. This allows a designer to change from a
single-ended output configuration to a differential output on
the same PCB with only minimal change to the external resistor
values and placements. Figure 48 and Figure 50 show the pin
configuration of the ADA4432-1 and ADA4433-1 in 8-lead
LFCSP packages. Figure 49 and Figure 51 show an example
schematic configured for the ADA4432-1 and the ADA4433-1,
respectively.
Example Configuration for Package-Compatible PCB
The single-ended output with the ADA4432-1 includes the following:
•
R1 matches the requirement for the source.
•
R2, R3, and R6 are not installed.
•
C3 is not installed.
•
R5 is chosen to match the receiver termination impedance.
•
R8 is 0 Ω to provide ground reference.
The differential output with the ADA4433-1 includes the following:
•
R1 matches the requirement for the source.
•
R2 and R3 are chosen to provide the correct bias for −IN.
•
C3 is for the −IN bypass.
•
R5 and R6 are chosen to match the receiver termination
impedance.
•
R8 is not installed.
Figure 48. 8-Lead LFCSP Package Pin Configuration, ADA4432-1
Figure 49. Example Compatible Schematic Configured for the ADA4432-1
Figure 50. 8-Lead LFCSP Package Pin Configuration, ADA4433-1
Figure 51. Example Compatible Schematic Configured for the ADA4433-1
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD MAY BE CONNECTED
TO THE GROUND PLANE.
3
+VS
4
OUT
1
NC
2
STB
6 GND
5 NC
8 IN
7 ENA
ADA4432-1
TOP VIEW
(Not to
Scale)
+VS OUT
NC
STB
GND
NC
IN
ENA
ENA
VIDEO
INPUT
GROUND
REFERENCE
CONDUCTOR
POSITIVE
OUTPUT
CONDUCTOR
R1
75Ω
R3
DNI
R2
DNI
STB
C3
DNI
C1
2.2µF
C2
0.1µF
+VS
+VS
R6
DNI
R5
75Ω
R8
0Ω
ADA4432-1
2
5
8
7
6
1
3
4
NOTES
1. THE EXPOSED PAD MAY BE CONNECTED
TO THE GROUND PLANE.
3
+VS
4
+OUT
1
–IN
2
STB
6 GND
5 –OUT
8 +IN
7 ENA
ADA4433-1
TOP VIEW
(Not to
Scale)
+VS +OUT
–IN
STB
GND –OUT
+IN
ENA
ENA
VIDEO
INPUT
NEGATIVE
OUTPUT
CONDUCTOR
POSITIVE
OUTPUT
CONDUCTOR
R1
75Ω
R3
7.5kΩ
R2
1.33kΩ
STB
C3
0.1µF
C1
2.2µF
C2
0.1µF
+VS
+VS
R6
37.5Ω
R5
37.5Ω
R8
DNI
ADA4433-1
2
5
8
7
6
1
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com