Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM71 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM71
Description  SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM71 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM71 Datasheet HTML 2Page - National Semiconductor (TI) LM71 Datasheet HTML 3Page - National Semiconductor (TI) LM71 Datasheet HTML 4Page - National Semiconductor (TI) LM71 Datasheet HTML 5Page - National Semiconductor (TI) LM71 Datasheet HTML 6Page - National Semiconductor (TI) LM71 Datasheet HTML 7Page - National Semiconductor (TI) LM71 Datasheet HTML 8Page - National Semiconductor (TI) LM71 Datasheet HTML 9Page - National Semiconductor (TI) LM71 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Logic Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5 mA.
Note 3: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in a current National
Semiconductor Linear Data Book for other methods of soldering surface mount devices.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 5: The life expectancy of the LM71 will be reduced when operating at elevated temperatures. LM71
θJA (thermal resistance, junction-to-ambient) when
attached to a printed circuit board with 2 oz. foil is summarized in the table below:
Device Number
NS Package
Number
Thermal
Resistance (
θ
JA)
LM71CIMF
MF05A
250˚C/W
LM71CISD
SDE06A
57.6˚C/W
Note 6: The LM71 will operate properly over the V+ supply voltage range of 2.65V to 5.5V.
Note 7: Typicals are at TA = 25˚C and represent most likely parametric norm.
Note 8: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 9: This specification is provided only to indicate how often temperature data is updated. The LM71 can be read at any time without regard to conversion state
(and will yield last conversion result). A conversion in progress will not be interrupted. The output shift register will be updated at the completion of the read and a
new conversion restarted.
Note 10: For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an error of 0.64˚C at full
rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
20031706
FIGURE 4. Data Input Timing Diagram
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com