Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1402-RPL+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1402-RPL+
Description  1-Wire Network Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1402-RPL+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1402-RPL+ Datasheet HTML 1Page - Maxim Integrated Products DS1402-RPL+ Datasheet HTML 2Page - Maxim Integrated Products DS1402-RPL+ Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS1402X
1-Wire Network Cables
BENEFITS AND FEATURES
 Coiled Cables Provide Flexible Connection to
Connect iButtons
® and Capsule Products to
1-Wire
® Networks
 Convenient, Off-the-Shelf Connectivity
 Multiple Connectors Maximize Battery Life
Momentary Contact
Dwelled Contact
Touch and Hold
 Optional Adhesive Pad Simplifies Mounting
 Spring-Controlled for Dwelled Contact
(DS1402-RC3+) for the DS1922F
 Extension Cable (DS1402-BR8+) Supports a
Wider Range of Applications
ORDERING INFORMATION
DS1402D-DB8+
2.4m (8ft) cable
DS1402D-DR8+
2.4m (8ft) cable
DS1402-BP8+
2.4m (8ft) cable
DS1402-RP3+
0.9m (3ft) cable
DS1402-RP8+
2.4m (8ft) cable
DS1402-BR8+
2.4m (8ft) cable
DS1402-RC3+
0.9m (3ft) cable
+ Denotes a lead(Pb)-free/RoHS-compliant product.
DESCRIPTION
The DS1402 series of 1-Wire network cables provides connectivity to any USB, serial, or parallel port
1-Wire adapter. Both the iButton probe cables and the Blue Dot receptor cables can touch any iButton,
but can only hold the F5 version iButtons. The DS1402-BR8+ is an extension cable for the DS1401
iButton Holder. The DS1402-RC3+ connects to the DS1922F. Applications of the DS1402-series 1-Wire
network cables range from software protection and access control to asset management and thermal
monitoring through handheld computers.
Connectivity Matrix
Cable Part Number
Connects From
To
DS1402D-DB8+
Blue Dot Receptor Cable
DS1410E, DS1411, DS1413,
any version or DS1401
any iButton
DS1402D-DR8+
Blue Dot Receptor Cable
DS9490R, DS9097U (any
version), DS9097, DS9097E
any iButton
DS1402-BP8+
iButton Probe Cable
DS1410E, DS1411, DS1413,
any version or DS1401
any iButton
DS1402-RP3+, DS1402-RP8+
iButton Probe Cable
DS9490R, DS9097U (any
version), DS9097, DS9097E
any iButton
DS1402-BR8+
DS9490R, DS9097U (any
version), DS9097, DS9097E
DS1401
Front Panel iButton Holder
DS1402-RC3+
DS9490R, DS9097U (any
version), DS9097, DS9077E
DS1922F
iButton and 1-Wire are registered trademarks of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
19-4684; 2/15


Similar Part No. - DS1402-RPL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1402-RP3+ MAXIM-DS1402-RP3+ Datasheet
84Kb / 3P
1-Wire Network Cables
6/09
DS1402-RP8 MAXIM-DS1402-RP8 Datasheet
171Kb / 2P
1-Wire Network Cables
032105
DS1402-RP8+ MAXIM-DS1402-RP8+ Datasheet
84Kb / 3P
1-Wire Network Cables
6/09
More results

Similar Description - DS1402-RPL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1402D-DB8 MAXIM-DS1402D-DB8 Datasheet
171Kb / 2P
1-Wire Network Cables
032105
DS1402X MAXIM-DS1402X Datasheet
84Kb / 3P
1-Wire Network Cables
6/09
logo
Samtec, Inc
FFSD-25-D-18.75-01-N SAMTEC-FFSD-25-D-18.75-01-N Datasheet
1Mb / 1P
TIGER EYE FLAT IDC WIRE CABLES
logo
Maxim Integrated Produc...
DS1402D-41 MAXIM-DS1402D-41 Datasheet
156Kb / 3P
1-Wire Network Cables
6/09
logo
Samtec, Inc
FFMD-05-01 SAMTEC-FFMD-05-01 Datasheet
192Kb / 1P
TIGER EYE??FLAT IDC WIRE CABLES
FFMD-05-T-06.00-01-N SAMTEC-FFMD-05-T-06.00-01-N Datasheet
192Kb / 1P
TIGER EYE?? FLAT IDC WIRE CABLES
FFSD-05-D-72.00-01-N SAMTEC-FFSD-05-D-72.00-01-N Datasheet
192Kb / 1P
TIGER EYE??FLAT IDC WIRE CABLES
FFSD-13-D-02.50-01-N SAMTEC-FFSD-13-D-02.50-01-N Datasheet
192Kb / 1P
TIGER EYE??FLAT IDC WIRE CABLES
logo
TT Electronics.
DSOT TTELEC-DSOT Datasheet
797Kb / 3P
Wire Bondable Voltage Divider Network
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
Wire Bondable Resistor Network Arrays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com