Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM61 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM61
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM61 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM61 Datasheet HTML 2Page - National Semiconductor (TI) LM61 Datasheet HTML 3Page - National Semiconductor (TI) LM61 Datasheet HTML 4Page - National Semiconductor (TI) LM61 Datasheet HTML 5Page - National Semiconductor (TI) LM61 Datasheet HTML 6Page - National Semiconductor (TI) LM61 Datasheet HTML 7Page - National Semiconductor (TI) LM61 Datasheet HTML 8Page - National Semiconductor (TI) LM61 Datasheet HTML 9Page - National Semiconductor (TI) LM61 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1.0 Mounting
The LM61 can be applied easily in the same way as other
integrated-circuit temperature sensors. It can be glued or
cemented to a surface. The temperature that the LM61 is
sensing will be within about +0.2˚C of the surface tempera-
ture that LM61’s leads are attached to.
This presumes that the ambient air temperature is almost the
same as the surface temperature; if the air temperature were
much higher or lower than the surface temperature, the
actual temperature measured would be at an intermediate
temperature between the surface temperature and the air
temperature.
To ensure good thermal conductivity the backside of the
LM61 die is directly attached to the GND pin. The lands and
traces to the LM61 will, of course, be part of the printed
circuit board, which is the object whose temperature is being
measured.
Alternatively, the LM61 can be mounted inside a sealed-end
metal tube, and can then be dipped into a bath or screwed
into a threaded hole in a tank. As with any IC, the LM61 and
accompanying wiring and circuits must be kept insulated and
dry, to avoid leakage and corrosion. This is especially true if
the circuit may operate at cold temperatures where conden-
sation can occur. Printed-circuit coatings and varnishes such
as Humiseal and epoxy paints or dips are often used to
ensure that moisture cannot corrode the LM61 or its connec-
tions.
The thermal resistance junction to ambient (
θ
JA) is the pa-
rameter used to calculate the rise of a device junction tem-
perature due to its power dissipation. For the LM61 the
equation used to calculate the rise in the die temperature is
as follows:
T
J =TA +
θ
JA [(+VS IQ) + (+VS −VO)IL]
where I
Q is the quiescent current and ILis the load current on
the output. Since the LM61’s junction temperature is the
actual temperature being measured care should be taken to
minimize the load current that the LM61 is required to drive.
The table shown in Figure 3 summarizes the rise in die
temperature of the LM61 without any loading with a 3.3V
supply, and the thermal resistance for different conditions.
2.0 Capacitive Loads
The LM61 handles capacitive loading well. Without any spe-
cial precautions, the LM61 can drive any capacitive load as
shown in Figure 4. Over the specified temperature range the
LM61 has a maximum output impedance of 5 k
Ω.Inan
extremely noisy environment it may be necessary to add
some filtering to minimize noise pickup. It is recommended
that 0.1 µF be added from +V
S to GND to bypass the power
supply voltage, as shown in Figure 5. In a noisy environment
it may be necessary to add a capacitor from the output to
ground. A 1 µF output capacitor with the 5 k
Ω maximum
output impedance will form a 32 Hz lowpass filter. Since the
thermal time constant of the LM61 is much slower than the 5
ms time constant formed by the RC, the overall response
time of the LM61 will not be significantly affected. For much
larger capacitors this additional time lag will increase the
overall response time of the LM61.
SOT-23*
SOT-23**
TO-92*
TO-92***
no heat sink
small heat fin
no heat sink
small heat fin
θ
JA
T
J −TA
θ
JA
T
J −TA
θ
JA
T
J −TA
θ
JA
T
J −TA
(˚C/W)
(˚C)
(˚C/W)
(˚C)
(˚C/W)
(˚C)
(˚C/W)
(˚C)
Still air
450
0.26
260
0.13
180
0.09
140
0.07
Moving air
180
0.09
90
0.05
70
0.03
*Part soldered to 30 gauge wire.
**Heat sink used is 12" square printed circuit board with 2 oz. foil with part attached as shown in Figure 2.
***Part glued and leads soldered to 1" square of 1/16" printed circuit board with 2oz. foil or similar.
FIGURE 3. Temperature Rise of LM61 Due to
Self-Heating and Thermal Resistance (
θ
JA)
01289715
FIGURE 4. LM61 No Decoupling Required for
Capacitive Load
01289716
FIGURE 5. LM61 with Filter for Noisy Environment
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com