Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM80_01 Datasheet HTML 19Page - National Semiconductor (TI) LM80_01 Datasheet HTML 20Page - National Semiconductor (TI) LM80_01 Datasheet HTML 21Page - National Semiconductor (TI) LM80_01 Datasheet HTML 22Page - National Semiconductor (TI) LM80_01 Datasheet HTML 23Page - National Semiconductor (TI) LM80_01 Datasheet HTML 24Page - National Semiconductor (TI) LM80_01 Datasheet HTML 25Page - National Semiconductor (TI) LM80_01 Datasheet HTML 26Page - National Semiconductor (TI) LM80_01 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Functional Description (Continued)
12.3 Configuration Register — Address 00h
Power on default <7:0> = 00001000 binary
Bit
Name
Read/
Write
Description
0
Start
Read/Write
A one enables startup of monitoring operations, a zero puts the part in standby mode.
Note: The outputs of Interrupt pins will not be cleared if the user writes a zero to this
location after an interrupt has occurred unlike “INT_Clear” bit.At start up, limit checking
functions and scanning begin. Note, all limits should be set in the Value RAM before
setting this bit HIGH.
1
INT Enable
Read/Write
A one enables the INT Interrupt output.
2
INT polarity
select
Read/Write
A one selects an active high open source output while a zero selects an active low
open drain output.
3
INT_Clear
Read/Write
A one disables the INT and RST_OUT/OS outputs without affecting the contents of
Interrupt Status Registers. The device will stop monitoring. It will resume upon clearing
of this bit.
4
RESET
Read/Write
A one outputs at least a 10 ms active low reset signal at RESET, if <7> = 1 and
<6> = 0 in the Fan Divisor/RST_OUT/OS Register. This bit is cleared once the pulse
has gone inactive.
5
Chassis Clear
Read/Write
A one clears the CI (Chassis Intrusion) pin. This bit clears itself after the CI pins
cleared.
6
GPO
Read/Write
A one in this bit drives a one on GPO (General Purpose Output) pin.
7
INITIALIZATION
Read/Write
A one restores power on default value to the Configuration Register, Interrupt Status
Registers, Interrupt Mask Registers, Fan Divisor/RST_OUT/OSRegister, and the OS
Configuration/Temperature Resolution Register. This bit clears itself since the power
on default is zero.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com