Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM3024H-R010DFR Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # FPM3024H-R010DFR
Description  Riedon™ FPM 3xx, 4xx Precision Foil Power Resistors by Bourns
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FPM3024H-R010DFR Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  FPM3024H-R010DFR Datasheet HTML 1Page - Bourns Electronic Solutions FPM3024H-R010DFR Datasheet HTML 2Page - Bourns Electronic Solutions FPM3024H-R010DFR Datasheet HTML 3Page - Bourns Electronic Solutions FPM3024H-R010DFR Datasheet HTML 4Page - Bourns Electronic Solutions FPM3024H-R010DFR Datasheet HTML 5Page - Bourns Electronic Solutions FPM3024H-R010DFR Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Riedon™ FPM 3xx, 4xx Precision Foil Power Resistors by Bourns
FPM3254
2R00F
A
FPM3254
2R00F A
Features
n
Formerly a Riedon™ product
n
Resistances from 0.001 to 100 Ω
n
Resistance tolerances to ±0.1 %
n
Power rating to 50 watts
n
TCR to ±15 PPM/°C
n
Very low inductance
n
Isolated backplate
n
RoHS compliant*
Specifications
Bourns Model
FPM3022
FPM3182
FPM3254
FPM3254H
FPM4184
Resistance Range (Ω)
0.010 to 100
0.001 to 100
Power Rating (W)
free air 70 °C
for 3254H
with heat sink
3
40
3
5
50
Thermal Resistance Rthj-c (K/W)
2.0
1.6
Tolerances
from 0R001
from 0R005
from 0R01
from 0R02
0.5 % / 1 % / 2 % / 5 %
0.25 % / 0.5 % / 1 % / 2 % / 5 %
1 % / 2 % / 5 %
0.5 % / 1 % / 2 % / 5 %
0.1 % / 0.25 % / 0.5 % / 1 % / 2 % / 5 %
0.1 % / 0.25 % / 0.5 % / 1 % / 2 % / 5 %
Stability
0.1 % / 0.2 % / 0.5 %
(depends on stress)
Temperature Coefficient
Standard
Option 1
±50 PPM/°C (+20 to +60 °C)
±25 PPM/°C (+20 to +60 °C)
±50 PPM/°C (+20 to +60 °C)
Max. Current (A)
50 - Contact K
150 - Contact A
200 - Contact F
Voltage Proof (VDC)
500
Thermal EMF
< 0.1 μV/K
Operating Temperature Range
-40 to +130 °C
Resistor Material
CuNiMn-Foil
Substrate
Anodized Aluminium
Housing
Epoxy
Connector Material
Cu Tinned
Terminals
2
4
Max. Torque
1 Nm
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc.,
including its logo and trademarks and the right to continue to manufacture former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
CALIFORNIA WARNING: Can expose you to lead, a carcinogen and reproductive toxicant.
See www.P65Warnings.ca.gov


Similar Part No. - FPM3024H-R010DFR

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPM SHIELD-FPM Datasheet
277Kb / 2P
MAGNETIC SWITCHES
logo
Advantech Co., Ltd.
FPM ADVANTECH-FPM Datasheet
745Kb / 2P
Most Ruggedized Industrial Displays - FPM
logo
Fujikura Ltd.
FPM-02PG FUJIKURA-FPM-02PG Datasheet
265Kb / 4P
Dual-in-line package (DIP)
FPM-02PGR FUJIKURA-FPM-02PGR Datasheet
265Kb / 4P
Dual-in-line package (DIP)
FPM-05PG FUJIKURA-FPM-05PG Datasheet
265Kb / 4P
Dual-in-line package (DIP)
More results

Similar Description - FPM3024H-R010DFR

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
USN2-1410 RIEDON-USN2-1410 Datasheet
305Kb / 2P
Precision Foil Resistors
USR2-0710 RIEDON-USR2-0710 Datasheet
261Kb / 2P
Precision Foil Resistors
USR2-1410 RIEDON-USR2-1410 Datasheet
269Kb / 2P
Precision Foil Resistors
USR2-T220B RIEDON-USR2-T220B Datasheet
354Kb / 3P
Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220 Datasheet
354Kb / 3P
Precision Foil Resistors
USR2-0808 RIEDON-USR2-0808_13 Datasheet
177Kb / 2P
Precision Foil Resistors
USR2-1410 RIEDON-USR2-1410_13 Datasheet
162Kb / 2P
Precision Foil Resistors
USR2-T220 RIEDON-USR2-T220_13 Datasheet
211Kb / 3P
Precision Foil Resistors
USR2-0808 RIEDON-USR2-0808_15 Datasheet
185Kb / 2P
Precision Foil Resistors
USR2G-25KX1 RIEDON-USR2G-25KX1 Datasheet
185Kb / 2P
Precision Foil Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com