Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRF8370-DZ-R005T32 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # BRF8370-DZ-R005T32
Description  High Precision Power Foil Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BRF8370-DZ-R005T32 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  BRF8370-DZ-R005T32 Datasheet HTML 1Page - Bourns Electronic Solutions BRF8370-DZ-R005T32 Datasheet HTML 2Page - Bourns Electronic Solutions BRF8370-DZ-R005T32 Datasheet HTML 3Page - Bourns Electronic Solutions BRF8370-DZ-R005T32 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Performance Characteristics
Test
Conditions
Test Method
Reference
Limit
Load Life
1000 hours, on/off with rated power
at +25 ℃
MIL-STD-202 Method 108
ΔR < ±0.5 %
High Temperature Exposure
+155 ℃ for 1000 hours
MIL-STD-202 Method 303
ΔR < ±0.5 %
Low Temperature Storage
-40 ℃ for 24 hours
MIL-STD-202 Method 303
ΔR < ±0.1 %
Thermal Shock
-40 °C to +130 ℃, 5 cycles
MIL-STD-202 Method 107
ΔR < ±0.1 %
Humidity Resistance
+40 ℃ / 90 % for 240 hours
MIL-STD-202 Method 103
ΔR < ±0.1 %
Resistance to Solder Heat
Solder dipping at 260 ℃ for 10 sec. MIL-STD-202 Method 210
ΔR < ±0.1 %
Short Time Overload
2.5x rated power for 5 sec.
MIL-STD-202 Method 303
ΔR < ±0.1 %
BRF Series – High Precision Power Foil Resistor
Product Dimensions
A
L1
L2
L3
L4
60.00 ± 0.3
(2.36 ± .012)
80.00 ± 0.3
(3.15 ± .012)
67.00 ± 0.3
(2.64 ± .012)
2.00 ± 0.1
(.08 ± .004)
15.00 ± 0.2
(.59 ± .008)
4.75 ± 0.2
(.19 ± .008)
DIA.
BRF8065
BRF8110
BRF8216
BRF8320
BRF8370
A
65.00 ± 0.3
(2.56 ± .012)
110.00 ± 0.3
(4.33 ± .012)
216.00 ± 0.3
(8.50 ± .012)
320.00 ± 0.3
(12.60 ± .012)
370.00 ± 0.3
(14.57 ± .012)
L1
6.00 ± 0.3
(.24 ± .012)
6.00 ± 0.3
(.24 ± .012)
6.00 ± 0.3
(.24 ± .012)
6.00 ± 0.3
(.24 ± .012)
6.00 ± 0.3
(.24 ± .012)
L2
59.00 ± 0.3
(2.32 ± .012)
104.00 ± 0.3
(4.09 ± .012)
108.00 ± 0.3
(4.25 ± .012)
108.50 ± 0.3
(4.27 ± .012)
125.50 ± 0.3
(4.94 ± .012)
L3
—
—
210.00 ± 0.3
(8.27 ± .012)
211.50 ± 0.3
(8.33 ± .012)
244.50 ± 0.3
(9.63 ± .012)
L4
—
—
—
314.00 ± 0.3
(12.36 ± .012)
364.00 ± 0.3
(14.33 ± .012)
DIMENSIONS:
MM
(INCHES)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com