Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM82 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM82 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM82 Datasheet HTML 9Page - National Semiconductor (TI) LM82 Datasheet HTML 10Page - National Semiconductor (TI) LM82 Datasheet HTML 11Page - National Semiconductor (TI) LM82 Datasheet HTML 12Page - National Semiconductor (TI) LM82 Datasheet HTML 13Page - National Semiconductor (TI) LM82 Datasheet HTML 14Page - National Semiconductor (TI) LM82 Datasheet HTML 15Page - National Semiconductor (TI) LM82 Datasheet HTML 16Page - National Semiconductor (TI) LM82 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2.0 LM82 Registers (Continued)
2.2 LOCAL and REMOTE TEMPERATURE REGISTERS (LT, and RT)
(Read Only Address 00h, and 01h):
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
D7–D0: Temperature Data. One LSB = 1˚C. Two’s complement format.
2.3 STATUS REGISTER
(Read Only Address 02h):
D7
D6
D5
D4
D3
D2
D1
D0
0
LHIGH
0
RHIGH
0
OPEN
RCRIT
LCRIT
Power up default is with all bits “0” (zero).
D0: LCRIT: When set to a 1 indicates an Local Critical Temperature alarm.
D1: RCRIT: When set to a 1 indicates a Remote Diode Critical Temperature alarm.
D2: D2OPEN: When set to 1 indicates a Remote Diode disconnect.
D4: D2RHIGH: When set to 1 indicates a Remote Diode HIGH Temperature alarm.
D6: LHIGH: When set to 1 indicates a Local HIGH Temperature alarm.
D7, D5, and D3: These bits are always set to 0 and reserved for future use.
2.4 MANUFACTURERS ID AND DIE REVISION (Stepping) REGISTERS
(Read Address FEh and FFh) Default value 01h for Manufacturers ID(FEh ).
2.5 CONFIGURATION REGISTER
(Read Address 03h/Write Address 09h):
D7
D6
D5
D4
D3
D2
D1
D0
INT mask
0
Remote
T_CRIT_A
mask
Remote
T_CRIT_A
mask
Remote
T_CRIT_A
mask
Local
T_CRIT_A
mask
INT Inversion
0
Power up default is with all bits “0” (zero).
D7: INT mask: When set to 1 INT interrupts are masked.
D5: T_CRIT mask, this bit must be set to a 1 before the T_CRIT setpoint is lowered below 127 in order for T_CRIT_A pin to
function properly.
D4: T_CRIT mask for Remote temperature, when set to 1 a remote temperature reading that exceeds T_CRIT setpoint will not
activate the T_CRIT_A pin.
D3: T_CRIT mask, this bit must be set to a 1 before the T_CRIT setpoint is lowered below 127 in order for T_CRIT_A pin to
function properly.
D2: T_CRIT mask for Local reading, when set to 1 a Local temperature reading that exceeds T_CRIT setpoint will not activate
the T_CRIT_A pin.
D1: INT active state inversion. When INT Inversion is set to a 1 the active state of the INT output will be a logical high. A low would
then select an active state of a logical low.
D6 and D0: These bits are always set to 0 and reserved for future use. A write of 1 will return a 0 when read.
2.6 LOCAL AND REMOTE HIGH SETPOINT REGISTERS (LHS, RHS)
(Read Address 05h, 07h/Write Address 0Bh, 0Dh):
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
D7–D0: HIGH setpoint temperature data. Power up default is LHIGH = RHIGH=127˚C.
2.7 T_CRIT REGISTER (TCS)
(Read Address 42h/Write Address 5Ah):
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
D7–D0: T_CRIT setpoint temperature data. Power up default is T_CRIT = 127˚C.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com