Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8032ARM Datasheet(PDF) 20 Page - Analog Devices

Part # AD8032ARM
Description  2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARM Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8032ARM Datasheet HTML 12Page - Analog Devices AD8032ARM Datasheet HTML 13Page - Analog Devices AD8032ARM Datasheet HTML 14Page - Analog Devices AD8032ARM Datasheet HTML 15Page - Analog Devices AD8032ARM Datasheet HTML 16Page - Analog Devices AD8032ARM Datasheet HTML 17Page - Analog Devices AD8032ARM Datasheet HTML 18Page - Analog Devices AD8032ARM Datasheet HTML 19Page - Analog Devices AD8032ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8031/AD8032
Rev. C | Page 20 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8031AN
–40°C to +85°C
8-Lead PDIP
N-8
AD8031ANZ1
–40°C to +85°C
8-Lead PDIP
N-8
AD8031AR
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8031AR-REEL
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8031AR-REEL7
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8031ARZ1
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8031ARZ-REEL1
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8031ARZ-REEL71
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8031ART-R2
–40°C to +85°C
5-Lead SOT-23
RJ-5
H0A
AD8031ART-REEL
–40°C to +85°C
5-Lead SOT-23, 13" Tape and Reel
RJ-5
H0A
AD8031ART-REEL7
–40°C to +85°C
5-Lead SOT-23, 7" Tape and Reel
RJ-5
H0A
AD8031ARTZ-R21
–40°C to +85°C
5-Lead SOT-23
RJ-5
H04
AD8031ARTZ-REEL1
–40°C to +85°C
5-Lead SOT-23, 13" Tape and Reel
RJ-5
H04
AD8031ARTZ-REEL71
–40°C to +85°C
5-Lead SOT-23, 7" Tape and Reel
RJ-5
H04
AD8031BN
–40°C to +85°C
8-Lead PDIP
N-8
AD8031BNZ1
–40°C to +85°C
8-Lead PDIP
N-8
AD8031BR
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8031BR-REEL
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8031BR-REEL7
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8031BRZ1
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8031BRZ-REEL1
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8031BRZ-REEL71
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8032AN
–40°C to +85°C
8-Lead PDIP
N-8
AD8032ANZ1
–40°C to +85°C
8-Lead PDIP
N-8
AD8032AR
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8032AR-REEL
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8032AR-REEL7
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8032ARZ1
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8032ARZ-REEL1
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8032ARZ-REEL71
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8032ARM
–40°C to +85°C
8-Lead MSOP
RM-8
H9A
AD8032ARM-REEL
–40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H9A
AD8032ARM-REEL7
–40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H9A
AD8032ARMZ1
–40°C to +85°C
8-Lead MSOP
RM-8
H9A#
AD8032ARMZ-REEL1
–40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
H9A#
AD8032ARMZ-REEL71
–40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
H9A#
AD8032BN
–40°C to +85°C
8-Lead PDIP
N-8
AD8032BNZ1
–40°C to +85°C
8-Lead PDIP
N-8
AD8032BR
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8032BR-REEL
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8032BR-REEL7
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
AD8032BRZ1
–40°C to +85°C
8-Lead SOIC_N
R-8
AD8032BRZ-REEL1
–40°C to +85°C
8-Lead SOIC_N, 13" Tape and Reel
R-8
AD8032BRZ-REEL71
–40°C to +85°C
8-Lead SOIC_N, 7" Tape and Reel
R-8
1 Z = Pb-free part, # denotes lead-free product may be top or bottom marked.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C01056-0-7/06(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com