Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8571 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8571
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8571 Datasheet HTML 13Page - Analog Devices AD8571 Datasheet HTML 14Page - Analog Devices AD8571 Datasheet HTML 15Page - Analog Devices AD8571 Datasheet HTML 16Page - Analog Devices AD8571 Datasheet HTML 17Page - Analog Devices AD8571 Datasheet HTML 18Page - Analog Devices AD8571 Datasheet HTML 19Page - Analog Devices AD8571 Datasheet HTML 20Page - Analog Devices AD8571 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8571/AD8572/AD8574
Rev. C | Page 17 of 24
0
–20
–40
–60
–80
–100
–120
0123
45678
9
10
FREQUENCY (kHz)
VS = 5V
AV = 60dB
1/f NOISE CHARACTERISTICS
Another advantage of auto-zero amplifiers is their ability to
cancel flicker noise. Flicker noise, also known as 1/f noise, is
noise inherent in the physics of semiconductor devices and
increases 3 dB for every octave decrease in frequency. The 1/f
corner frequency of an amplifier is the frequency at which the
flicker noise is equal to the broadband noise of the amplifier.
At lower frequencies, flicker noise dominates, causing higher
degrees of error for sub-Hertz frequencies or dc precision
applications.
Because the AD857x amplifiers are self-correcting op amps,
they do not have increasing flicker noise at lower frequencies. In
essence, low frequency noise is treated as a slowly varying offset
error and is greatly reduced as a result of autocorrection. The
correction becomes more effective as the noise frequency
approaches dc, offsetting the tendency of the noise to increase
exponentially as frequency decreases, which allows the AD857x
to have lower noise near dc than standard low noise amplifiers
that are susceptible to 1/f noise.
Figure 57. Spectral Analysis of AD857x Output with 60 dB Gain
Figure 58 shows the spectral output of an AD8572 configured in
a high gain (60 dB) with a 1 mV input signal applied. Note the
absence of any IMD products in the spectrum. The signal-to-
noise ratio (SNR) of the output signal is better than 60 dB, or 0.1%.
0
–20
–40
–60
–80
–100
–120
0123
45678
9
10
VS = 5V
AV = 60dB
FREQUENCY (kHz)
RANDOM AUTO-ZERO CORRECTION ELIMINATES
INTERMODULATION DISTORTION
The AD857x can be used as a conventional op amp for gains up
to 1 MHz. The auto-zero correction frequency of the device
continuously varies, based on a pseudorandom generator with a
uniform distribution from 2 kHz to 4 kHz. The randomization
of the autocorrection clock creates a continuous randomization
of intermodulation distortion (IMD) products that show up as
simple broadband noise at the output of the amplifier. This
broadband noise naturally combines with the amplifier voltage
noise in a root-squared-sum fashion, resulting in an output free
IMD. Figure 56 shows the spectral output of an AD8572 with
the amplifier configured for unity gain and the input grounded.
Figure 58. Spectral Analysis of AD8572 in High Gain with an Input Signal
Figure 57 shows the spectral output with the amplifier
configured for a gain of 60 dB.
0
–20
–40
–80
–60
–120
–140
–100
–160
12
345
678
9
10
FREQUENCY (kHz)
VS = 5V
AV = 0dB
Figure 56. Spectral Analysis of AD8572 Output in Unity Gain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com