Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6254 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6254
Description  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6254 Datasheet(HTML) 2 Page - STMicroelectronics

  L6254 Datasheet HTML 1Page - STMicroelectronics L6254 Datasheet HTML 2Page - STMicroelectronics L6254 Datasheet HTML 3Page - STMicroelectronics L6254 Datasheet HTML 4Page - STMicroelectronics L6254 Datasheet HTML 5Page - STMicroelectronics L6254 Datasheet HTML 6Page - STMicroelectronics L6254 Datasheet HTML 7Page - STMicroelectronics L6254 Datasheet HTML 8Page - STMicroelectronics L6254 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CHARGE
PUMP
ISO
DRIVER
SUPPLY
FAULT
MONITORS
FREQUENCY
LOCK LOOP
SPINDLE SEQUENCER
REFERENCE
VOLTAGE
GENERATOR
14 BIT
VCM DAC
ZERO CROSS
DETECTION
A
A+
A-
A=4
SUPPLY
OUT_A
OUT_B
RSENSE
OUT_C
VCM_A+
VCC
VCM_A-
SENSE_IN-
SENSE_IN+
D99IN1042
VCM_GND
CTAP
CS
SW1
SDATA
SCLK
SDEN
TR_12V
TR_5V
ISENSE
THERMAL
VCM
CALIBRATION
BEMF
RECTIFICATION
PARKING
VCM CURRENT
CONTROL PSM/LIN
START-UP
RE_SYNC
DYNAMIC/
REVERSE
BRAKE
SPINDLE
CURRENT
CONTROL
PWM/LIN
BEMF
PROCESSING
B
C
SERIAL
INTERFACE
REGISTERS
+
+
-
-
BLOCK DIAGRAM
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
R_SENSE
I_SENSE
OUT_C
CTAP
FCOM
PWM/SLEW
INDEX
OUT_A
R_SENSE
OUT_B
GND
VCM_GND
SENSE_IN+
VCM_A-
CS
CP
VCC
SW1
FLL_RES
VCC
SENSE_IN-
VCM_A+
D98IN847
12
13
14
15
16
PIN CONNECTION
L6254
2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com