Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8566 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8566
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8566 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8566 Datasheet HTML 8Page - Analog Devices AD8566 Datasheet HTML 9Page - Analog Devices AD8566 Datasheet HTML 10Page - Analog Devices AD8566 Datasheet HTML 11Page - Analog Devices AD8566 Datasheet HTML 12Page - Analog Devices AD8566 Datasheet HTML 13Page - Analog Devices AD8566 Datasheet HTML 14Page - Analog Devices AD8566 Datasheet HTML 15Page - Analog Devices AD8566 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8565/AD8566/AD8567
Rev. D | Page 13 of 16
16
5
13
8
9
12
1
4
1.95 BSC
PIN 1
INDICATOR
TOP
VIEW
4.00
BSC SQ
3.75
BSC SQ
COPLANARITY
0.08
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
12° MAX
1.00
0.85
0.80
SEATING
PLANE
0.30
0.23
0.18
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
0.20 REF
0.65 BSC
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
0.75
0.60
0.50
0.25 MIN
2.25
2.10 SQ
1.95
Figure 37. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-16-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package
Option
Branding
AD8565AKS-R2
−40°C to +85°C
5-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-5
ASA
AD8565AKS-REEL7
−40°C to +85°C
5-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-5
ASA
AD8565AKSZ-REEL71
−40°C to +85°C
5-Lead Thin Shrink Small Outline Transistor Package (SC70)
KS-5
A0N
AD8566ARM-R2
−40°C to +85°C
8-Lead Micro Small Outline Package (MSOP)
RM-8
ATA
AD8566ARM-REEL
−40°C to +85°C
8-Lead Micro Small Outline Package (MSOP)
RM-8
ATA
AD8566ARMZ-R21
−40°C to +85°C
8-Lead Micro Small Outline Package (MSOP)
RM-8
ATA#
AD8566ARMZ-REEL1
−40°C to +85°C
8-Lead Micro Small Outline Package (MSOP)
RM-8
ATA#
AD8567ARU
−40°C to +85°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
AD8567ARU-REEL
−40°C to +85°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
AD8567ARUZ1
−40°C to +85°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
AD8567ARUZ-REEL1
−40°C to +85°C
14-Lead Thin Shrink Small Outline Package (TSSOP)
RU-14
AD8567ACP-R2
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-16-4
AD8567ACP-REEL
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-16-4
AD8567ACP-REEL7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-16-4
AD8567ACPZ-R21
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-16-4
AD8567ACPZ-REEL1
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-16-4
AD8567ACPZ-REEL71
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-16-4
1 Z = Pb-free part, # denotes lead-free product may be top or bottom marked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com