Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8532 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8532
Description  Low Cost, 250 mA Output, Single-Supply Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8532 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8532 Datasheet HTML 12Page - Analog Devices AD8532 Datasheet HTML 13Page - Analog Devices AD8532 Datasheet HTML 14Page - Analog Devices AD8532 Datasheet HTML 15Page - Analog Devices AD8532 Datasheet HTML 16Page - Analog Devices AD8532 Datasheet HTML 17Page - Analog Devices AD8532 Datasheet HTML 18Page - Analog Devices AD8532 Datasheet HTML 19Page - Analog Devices AD8532 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8531/AD8532/AD8534
Rev. F | Page 20 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8531AKS-R2
−40°C to +85°C
5-Lead SC70
KS-5
A7B
AD8531AKS-REEL7
−40°C to +85°C
5-Lead SC70
KS-5
A7B
AD8531AKSZ-R21
−40°C to +85°C
5-Lead SC70
KS-5
A0Q
AD8531AKSZ-REEL71
−40°C to +85°C
5-Lead SC70
KS-5
A0Q
AD8531ART-REEL
−40°C to +85°C
5-Lead SOT-23
RJ-5
A7A
AD8531ART-REEL7
−40°C to +85°C
5-Lead SOT-23
RJ-5
A7A
AD8531ARTZ-REEL1
−40°C to +85°C
5-Lead SOT-23
RJ-5
A0P
AD8531ARTZ-REEL71
−40°C to +85°C
5-Lead SOT-23
RJ-5
A0P
AD8531AR
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8531AR-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8531ARZ1
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8531ARZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8532AR
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8532AR-REEL
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8532AR-REEL7
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8532ARZ1
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8532ARZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8532ARZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
R-8
AD8532ARM-R2
−40°C to +85°C
8-Lead MSOP
RM-8
ARA
AD8532ARM-REEL
−40°C to +85°C
8-Lead MSOP
RM-8
ARA
AD8532ARMZ-R21
−40°C to +85°C
8-Lead MSOP
RM-8
A0R
AD8532ARMZ-REEL1
−40°C to +85°C
8-Lead MSOP
RM-8
A0R
AD8532ARU
−40°C to +85°C
8-Lead TSSOP
RU-8
AD8532ARU-REEL
−40°C to +85°C
8-Lead TSSOP
RU-8
AD8532ARUZ1
−40°C to +85°C
8-Lead TSSOP
RU-8
AD8532ARUZ-REEL1
−40°C to +85°C
8-Lead TSSOP
RU-8
AD8534AR
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8534AR-REEL
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8534ARZ1
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8534ARZ-REEL1
−40°C to +85°C
14-Lead SOIC_N
R-14
AD8534ARU
−40°C to +85°C
14-Lead TSSOP
RU-14
AD8534ARU-REEL
−40°C to +85°C
14-Lead TSSOP
RU-14
AD8534ARUZ1
−40°C to +85°C
14-Lead TSSOP
RU-14
AD8534ARUZ-REEL1
−40°C to +85°C
14-Lead TSSOP
RU-14
1 Z = RoHS Compliant Part.
©1996–2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D01099-0-1/08(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com