Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 2 Page - Analog Devices

  AD8515 Datasheet HTML 1Page - Analog Devices AD8515 Datasheet HTML 2Page - Analog Devices AD8515 Datasheet HTML 3Page - Analog Devices AD8515 Datasheet HTML 4Page - Analog Devices AD8515 Datasheet HTML 5Page - Analog Devices AD8515 Datasheet HTML 6Page - Analog Devices AD8515 Datasheet HTML 7Page - Analog Devices AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8515
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configuration............................................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ..............................................7
Theory of Operation ...................................................................... 12
Power Consumption vs. Bandwidth ........................................ 12
Driving Capacitive Loads .............................................................. 13
Full Power Bandwidth ............................................................... 13
A Micropower Reference Voltage Generator.............................. 14
A 100 kHz Single-Supply Second-Order Band-Pass Filter ... 14
Wien Bridge Oscillator .............................................................. 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
7/07—Rev. C to Rev. D
Updated Format..................................................................Universal
Updated Package Designator Throughout.................................... 1
Changes to Table 1, Supply Current/Amplifier ............................ 3
Changes to Table 2, Supply Current/Amplifier ............................ 4
Changes to Table 3, Large Signal Voltage Gain, Power Supply
Rejection Ratio, and Supply Current/Amplifier........................... 5
Changes to Figure 10........................................................................ 8
Changes to Figure 35...................................................................... 14
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 16
3/05—Rev. B to Rev. C
Changes to Specifications ................................................................ 2
Changes to Ordering Guide ............................................................ 5
4/03—Rev. A to Rev. B
Change to Figure 5 ......................................................................... 12
2/03—Rev. 0 to Rev. A
Added new SC70 Package .................................................Universal
Changes to Features ..........................................................................1
Changes to General Description .....................................................1
Changes to Pin Configuration .........................................................1
Changes to Specifications.................................................................2
Changes to Absolute Maximum Ratings........................................5
Changes to Ordering Guide .............................................................5
Changes to TPC 3..............................................................................6
Changes to TPC 10............................................................................7
Changes to TPC 13............................................................................8
Changes to TPC 27......................................................................... 10
Changes to TPC 28......................................................................... 10
Added new TPC 29 ........................................................................ 10
Changes to Functional Description ............................................. 11
Updated to Outline Dimensions .................................................. 14
8/02—Revision. 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com