Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515ART-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8515ART-R2
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515ART-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8515ART-R2 Datasheet HTML 1Page - Analog Devices AD8515ART-R2 Datasheet HTML 2Page - Analog Devices AD8515ART-R2 Datasheet HTML 3Page - Analog Devices AD8515ART-R2 Datasheet HTML 4Page - Analog Devices AD8515ART-R2 Datasheet HTML 5Page - Analog Devices AD8515ART-R2 Datasheet HTML 6Page - Analog Devices AD8515ART-R2 Datasheet HTML 7Page - Analog Devices AD8515ART-R2 Datasheet HTML 8Page - Analog Devices AD8515ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.8 V Low Power CMOS Rail-to-Rail
Input/Output Operational Amplifier
AD8515
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 1.8 V to 5 V
Offset voltage: 6 mV maximum
Space-saving SOT-23 and SC70 packages
Slew rate: 2.7 V/μs
Bandwidth: 5 MHz
Rail-to-rail input and output swing
Low input bias current: 2 pA typical
Low supply current @ 1.8 V: 450 μA maximum
APPLICATIONS
Portable communications
Portable phones
Sensor interfaces
Laser scanners
PCMCIA cards
Battery-powered devices
New generation phones
Personal digital assistants
PIN CONFIGURATION
OUT 1
V– 2
+IN 3
V+
5
–IN
4
AD8515
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SC70 and 5-Lead SOT-23
(KS and RJ Suffixes)
GENERAL DESCRIPTION
The AD8515 is a rail-to-rail amplifier that can operate from
a single-supply voltage as low as 1.8 V.
The AD8515 single amplifier, available in 5-lead SOT-23 and 5-lead
SC70 packages, is small enough to be placed next to sensors,
reducing external noise pickup.
The AD8515 is a rail-to-rail input and output amplifier with
a gain bandwidth of 5 MHz and typical offset voltage of 1 mV
from a 1.8 V supply. The low supply current makes these parts
ideal for battery-powered applications. The 2.7 V/μs slew rate
makes the AD8515 a good match for driving ASIC inputs such
as voice codecs.
The AD8515 is specified over the extended industrial
temperature range of −40°C to +125°C.


Similar Part No. - AD8515ART-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8515ART AD-AD8515ART Datasheet
242Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
4/03-Data Sheet changed from REV. A to REV. B.
AD8515ARTZ-R2 AD-AD8515ARTZ-R2 Datasheet
290Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8515ARTZ-REEL AD-AD8515ARTZ-REEL Datasheet
290Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8515ARTZ-REEL7 AD-AD8515ARTZ-REEL7 Datasheet
290Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
Rev. E
More results

Similar Description - AD8515ART-R2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
4/03-Data Sheet changed from REV. A to REV. B.
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Analog Devices
AD8546 AD-AD8546 Datasheet
862Kb / 24P
18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Texas Instruments
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com