Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8602AR-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8602AR-R2
Description  Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8602AR-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8602AR-R2 Datasheet HTML 11Page - Analog Devices AD8602AR-R2 Datasheet HTML 12Page - Analog Devices AD8602AR-R2 Datasheet HTML 13Page - Analog Devices AD8602AR-R2 Datasheet HTML 14Page - Analog Devices AD8602AR-R2 Datasheet HTML 15Page - Analog Devices AD8602AR-R2 Datasheet HTML 16Page - Analog Devices AD8602AR-R2 Datasheet HTML 17Page - Analog Devices AD8602AR-R2 Datasheet HTML 18Page - Analog Devices AD8602AR-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. D
AD8601/AD8602/AD8604
–15–
For the high-side monitor, the monitor output voltage is
Monitor Output
R
R
R
I
SENSE
L
=× 


×
2
1
(3)
Using the components shown, the monitor output transfer func-
tion is 2.5 V/A.
Using the AD8601 in Single-Supply Mixed-Signal Applications
Single-supply mixed-signal applications requiring 10 or more
bits of resolution demand both a minimum of distortion and a
maximum range of voltage swing to optimize performance. To
ensure that the A/D or D/A converters achieve their best perfor-
mance, an amplifier often must be used for buffering or signal
conditioning. The 750
µV maximum offset voltage of the
AD8601 allows the amplifier to be used in 12-bit applications
powered from a 3 V single supply, and its rail-to-rail input
and output ensure no signal clipping.
Figure 6 shows the AD8601 used as an input buffer amplifier to
the AD7476, a 12-bit 1 MHz A/D converter. As with most A/D
converters, total harmonic distortion (THD) increases with
higher source impedances. By using the AD8601 in a buffer
configuration, the low output impedance of the amplifier mini-
mizes THD while the high input impedance and low bias current
of the op amp minimizes errors due to source impedance. The
8 MHz gain-bandwidth product of the AD8601 ensures no
signal attenuation up to 500 kHz, which is the maximum Nyquist
frequency for the AD7476.
SCLK
C/ P
VIN
RS 3
4
5
1
2
AD8601
SDATA
CS
VIN
GND
AD7476/AD7477
SERIAL
INTERFACE
5V
SUPPLY
0.1 F
10 F
REF193
0.1 F
1 F
TANT
VDD
3V
680nF
Figure 6. A Complete 3 V 12-Bit 1 MHz A/D
Conversion System
Figure 7 demonstrates how the AD8601 can be used as an output
buffer for the DAC for driving heavy resistive loads. The AD5320
is a 12-bit D/A converter that can be used with clock frequen-
cies up to 30 MHz and signal frequencies up to 930 kHz. The
rail-to-rail output of the AD8601 allows it to swing within 100 mV
of the positive supply rail while sourcing 1 mA of current. The
total current drawn from the circuit is less than 1 mA, or 3 mW
from a 3 V single supply.
3
4
5
1
2
AD8601
RL
VOUT
0V TO 3.0V
AD5320
2
1
3V
1 F
3-WIRE
SERIAL
INTERFACE
4
5
6
Figure 7. Using the AD8601 as a DAC Output
Buffer to Drive Heavy Loads
The AD8601, AD7476, and AD5320 are all available in space-
saving SOT-23 packages.
PC100 Compliance for Computer Audio Applications
Because of its low distortion and rail-to-rail input and output,
the AD860x is an excellent choice for low-cost, single-supply
audio applications, ranging from microphone amplification to
line output buffering. TPC 34 shows the total harmonic distor-
tion plus noise (THD + N) figures for the AD860x. In unity
gain, the amplifier has a typical THD + N of 0.004%, or –86 dB,
even with a load resistance of 600
Ω. This is compliant with the
PC100 specification requirements for audio in both portable
and desktop computers.
Figure 8 shows how an AD8602 can be interfaced with an AC’97
codec to drive the line output. Here, the AD8602 is used as a
unity-gain buffer from the left and right outputs of the AC’97
codec. The 100
µF output coupling capacitors block dc cur-
rent and the 20
Ω series resistors protect the amplifier from
short circuits at the jack.
U1-A
R2
2k
4
C1
100 F
5V
1
8
2
3
5V
VDD
VDD
LEFTOUT
AD1881
(AC'97)
RIGHTOUT
VSS
R4
20
5
6
7
R5
20
C2
100 F
NOTE: ADDITIONAL PINS
OMITTED FOR CLARITY
U1-B
U1 = AD8602D
R3
2k
28
35
36
Figure 8. A PC100 Compliant Line Output Amplifier
SPICE Model
The SPICE macro-model for the AD860x amplifier is available
and can be downloaded from the Analog Devices website at
www.analog.com. The model will accurately simulate a number
of both dc and ac parameters, including open-loop gain,
bandwidth, phase margin, input voltage range, output voltage
swing versus output current, slew rate, input voltage noise,
CMRR, PSRR, and supply current versus supply voltage. The
model is optimized for performance at 27
°C. Although it will
function at different temperatures, it may lose accuracy with
respect to the actual behavior of the AD860x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com