Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8504 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8504
Description  1 關A Micropower CMOS Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8504 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8504 Datasheet HTML 5Page - Analog Devices AD8504 Datasheet HTML 6Page - Analog Devices AD8504 Datasheet HTML 7Page - Analog Devices AD8504 Datasheet HTML 8Page - Analog Devices AD8504 Datasheet HTML 9Page - Analog Devices AD8504 Datasheet HTML 10Page - Analog Devices AD8504 Datasheet HTML 11Page - Analog Devices AD8504 Datasheet HTML 12Page - Analog Devices AD8504 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8502/AD8504
Rev. 0 | Page 9 of 16
0.01
0.1
1
10
FREQUENCY (kHz)
10
20
30
40
50
60
70
80
90
100
110
120
0
Figure 15. CMRR vs. Frequency, VS = 5 V
FREQUENCY (kHz)
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
0
Figure 16. PSRR vs. Frequency, VS = 5 V
35
15
20
25
30
10
5
0
10
100
1000
LOAD CAPACITANCE (pF)
OS+
OS–
Figure 17. Small Signal Overshoot vs. Load Capacitance, VS = 5 V
0.20
–0.20
0.15
–0.15
0.10
–0.10
0.05
–0.05
0
–0.5
0
0.5
1.0
1.5
TIME (ms)
Figure 18. Small Signal Transient Response (No Load), VS = 5 V
0.20
–0.20
0.15
–0.15
0.10
–0.10
0.05
–0.05
0
–0.5
0
0.5
1.0
1.5
TIME (ms)
Figure 19. Small Signal Transient Response
(100 pF Load Capacitance, VS = 5 V)
6
5
4
3
1
2
0
–2
12
3456
7
0
–1
8
TIME (ms)
Figure 20. Large Signal Transient Response No Load), VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com