Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R2 Datasheet(PDF) 33 Page - Analog Devices

Part # AD8330ACPZ-R2
Description  Low Cost, DC to 150 MHz Variable Gain Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R2 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD8330ACPZ-R2 Datasheet HTML 28Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 29Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 30Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 31Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 32Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 33Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 34Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 35Page - Analog Devices AD8330ACPZ-R2 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AD8330
Rev. D | Page 33 of 36
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8330ACP-R2
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-3
JFA
AD8330ACP-REEL
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-3
JFA
AD8330ACP-REEL7
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-3
JFA
AD8330ACPZ-R21
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-3
JFZ
AD8330ACPZ-RL1
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-3
JFZ
AD8330ACPZ-R71
−40°C to +85°C
16-Lead LFCSP_VQ
CP-16-3
JFZ
AD8330ARQ
−40°C to +85°C
16-Lead QSOP
RQ-16
AD8330ARQ-REEL
−40°C to +85°C
16-Lead QSOP
RQ-16
AD8330ARQ-REEL7
−40°C to +85°C
16-Lead QSOP
RQ-16
AD8330ARQZ1
−40°C to +85°C
16-Lead QSOP
RQ-16
AD8330ARQZ-RL1
−40°C to +85°C
16-Lead QSOP
RQ-16
AD8330ARQZ-R71
−40°C to +85°C
16-Lead QSOP
RQ-16
AD8330-EVAL
Evaluation Board
AD8330-EVALZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com