Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8330ACPZ-R7
Description  Low Cost, DC to 150 MHz Variable Gain Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8330ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD8330
Rev. D | Page 28 of 36
EVALUATION BOARD
GENERAL DESCRIPTION
The AD8330-EVALZ is an easy-to-use accessory that enables a
hands-on evaluation of the AD8330 variable gain amplifier
(VGA). It includes test pins for connections to all of the functional
device inputs. Figure 69 is a full size photograph of the board.
Figure 69. Photograph of the AD8330 Evaluation Board
BASIC OPERATION
The input SMA connector IN is terminated with a 49.9 Ω
resistor (see Figure 70). For convenience, the board includes an
AD8131 high speed differential amplifier to convert a single-
ended signal source to the differential input of the AD8330. If
desired, the AD8131 can be removed and the AD8330 can be
driven at one of its inputs from a single-ended source.
The AD8330 output is observed at the SMA connectors OUT_HI
and OUT_LO or by using the 2-pin header OUT_HI/ OUT_LO
adjacent to the device.
The AD8330 requires only a +5 V power supply; however, because
of the AD8131 buffer bipolar power supply requirements, ±5 V
supplies are required to power the board. The current required
for the board is approximately 40 mA from the +5 V supply and
10 mA from the −5 V supply.
8
7
2
3
9
GAIN_SLOPE
C5
0.1µF
C3
0.1µF
INLO
MODE
VPSI
INHI
VPSO
CMOP
OPLO
CNTR
OFST
OPHI
8
ENBL
VPOS
+5V
1
6
5
4
15
16
14
13
COMM
VMAG
VDBS
CMGN
12
11
10
C2
0.1µF
UP
C18
0.1µF
+5V
C6
0.1µF
IN
+5V
C7
0.1µF
CMGN
VDBS
VMAG
C10
0.1µF
C19
0.1µF
C11
0.1µF
C4
0.1µF
+5V
C14
10nF
C15
0.1µF
CNTR
ENBL
3
4
5
6
1
2
C16
10nF
C20
0.1µF
C17
10µF
10V
–5V
GND1 GND2 GND3 GND4
FLTR
C9
12pF
C8
12pF
C12
0.1µF
R4
0Ω
R2
49.9Ω
R1
24.9Ω
OUT_HI
OUT_ LO
R3
1kΩ
OUT_TEST
IN_TEST
C1
10µF
10V
+
OFST
C1
31nF
DOWN
+
A1
DUT1
AD8330
FILTER_OFFSET
AD8131
Figure 70. Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com