Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301X8 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32F301X8
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X8 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32F301X8 Datasheet HTML 14Page - STMicroelectronics STM32F301X8 Datasheet HTML 15Page - STMicroelectronics STM32F301X8 Datasheet HTML 16Page - STMicroelectronics STM32F301X8 Datasheet HTML 17Page - STMicroelectronics STM32F301X8 Datasheet HTML 18Page - STMicroelectronics STM32F301X8 Datasheet HTML 19Page - STMicroelectronics STM32F301X8 Datasheet HTML 20Page - STMicroelectronics STM32F301X8 Datasheet HTML 21Page - STMicroelectronics STM32F301X8 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 141 page
background image
Functional overview
STM32F301x6 STM32F301x8
18/141
DS9895 Rev 8
Figure 2. Clock tree
/32
4-32 MHz
HSE OSC
OSC_IN
OSC_OUT
OSC32_IN
OSC32_OUT
8 MHz
HSI RC
IWDGCLK
to IWDG
PLL
x2,x3,..
x16
PLLMUL
MCO
AHB
APB1
prescaler
/1,2,4,8,16
HCLK
PLLCLK
to AHB bus, core,
memory and DMA
LSE
LSI
HSI
HSI
HSE
to RTC
PLLSRC
SW
/8
SYSCLK
RTCCLK
RTCSEL[1:0]
to TIM 2, 6, 7
If (APB1 prescaler
=1) x1 else x2
FLITFCLK
to Flash programming interface
to I2Cx (x = 1,2,3)
to USART1
LSE
HSI
SYSCLK
/2
PCLK1
SYSCLK
HSI
PCLK1
MS32660V4
to I2Sx (x = 2,3)
to cortex System timer
FHCLK Cortex free
running clock
to APB1 peripherals
AHB
prescaler
/1,2,..512
CSS
/2,/3,...
/16
LSE OSC
32.768kHz
LSI RC
40kHz
APB2
prescaler
/1,2,4,8,16
If (APB2 prescaler
=1) x1 else x2
PCLK2
to APB2 peripherals
TIM1,15,16,17
ADC
Prescaler
/1,2,4
to ADC1
ADC
Prescaler
/1,2,4,6,8,10,12,16,
32,64,128,256
I2SSRC
SYSCLK
Ext. clock
I2S_CKIN
x2
Main clock
output
/1,2 PLLCLK
HSI
HSE
MCO
SYSCLK
LSI
/1,2,4,
.. 128
PLLNODIV
MCOPRE
LSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com