Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185QML Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM185QML
Description  Adjustable Micropower Voltage References
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM185QML Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM185QML Datasheet HTML 2Page - National Semiconductor (TI) LM185QML Datasheet HTML 3Page - National Semiconductor (TI) LM185QML Datasheet HTML 4Page - National Semiconductor (TI) LM185QML Datasheet HTML 5Page - National Semiconductor (TI) LM185QML Datasheet HTML 6Page - National Semiconductor (TI) LM185QML Datasheet HTML 7Page - National Semiconductor (TI) LM185QML Datasheet HTML 8Page - National Semiconductor (TI) LM185QML Datasheet HTML 9Page - National Semiconductor (TI) LM185QML Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LM185BY Electrical Characteristics
DC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
Ref
Reference Voltage
I
R = 100µA
1.228 1.252
V
1
1.215 1.255
V
2, 3
I
R = 9µA
1.228 1.252
V
1
I
R = 10µA
1.215 1.255
V
2, 3
I
R = 1mA
1.228 1.252
V
1
1.215 1.255
V
2, 3
I
R = 20mA
1.228 1.252
V
1
1.215 1.255
V
2, 3
V
R = 5.3V, IR = 100µA
1.228 1.252
V
1
1.215 1.255
V
2, 3
V
R = 5.3V, IR = 45µA
1.288 1.252
V
1
V
R = 5.3V, IR = 50µA
1.215 1.255
V
2, 3
V
R = 5.3V, IR = 1.0mA
1.288 1.252
V
1
1.215 1.255
V
2, 3
V
R = 5.3V, IR = 20mA
1.288 1.252
V
1
1.215 1.255
V
2, 3
∆V
Ref/
∆I
R
Reference Voltage Change with
Current
9µA
≤ I
R
≤ 1mA
1.0
mV
1
10µA
≤ I
R
≤ 1mA
1.5
mV
2, 3
1mA
≤ I
R
≤ 20mA
10
mV
1
20
mV
2, 3
V
R = 5.3V, 45µA
≤ I
R
≤ 1mA
1.0
mV
1
V
R = 5.3V, 50µA
≤ I
R
≤ 1mA
1.5
mV
2, 3
V
R = 5.3V, 1mA
≤ I
R
≤ 20mA
10
mV
1
20
mV
2, 3
∆V
Ref /
∆V
O
Reference Voltage Change with
Output Voltage
V
R = 5.3V, IR = 100µA
3.0
mV
1
6.0
mV
2, 3
I
F
Feedback Current
I
R = 9µA
20
nA
1
I
R = 10µA
25
nA
2, 3
I
R = 20mA
20
nA
1
25
nA
2, 3
V
R = 5.3V, IR = 45µA
20
nA
1
V
R = 5.3V, IR = 50µA
25
nA
2, 3
V
R = 5.3V, IR = 20mA
20
nA
1
25
nA
2, 3
I
C
Minimum Operating Current
V
R =VRef
(Note 3)
9.0
µA
1
(Note 3)
10
µA
2, 3
V
R = 5.3V
(Note 3)
45
µA
1
(Note 3)
50
µA
2, 3
T
C
Temperature Coefficient
(Note 4)
50
PPM/˚C
1, 2, 3
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Functional test.
Note 4: The average temperature coefficient is defined as the maximum deviation of reference voltage, at all measured temperatures between the operating TMin
&TMax, divided by (TMax −TMin). The measured temperatures (TMeasured) are −55˚C, 25˚C, & 125˚C or ∆VRef /(TMax −TMin)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com