Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4040
Description  Precision Micropower Shunt Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4040 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4040 Datasheet HTML 1Page - National Semiconductor (TI) LM4040 Datasheet HTML 2Page - National Semiconductor (TI) LM4040 Datasheet HTML 3Page - National Semiconductor (TI) LM4040 Datasheet HTML 4Page - National Semiconductor (TI) LM4040 Datasheet HTML 5Page - National Semiconductor (TI) LM4040 Datasheet HTML 6Page - National Semiconductor (TI) LM4040 Datasheet HTML 7Page - National Semiconductor (TI) LM4040 Datasheet HTML 8Page - National Semiconductor (TI) LM4040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Ordering Information
Industrial Temperature Range (−40˚C to +85˚C)
Reverse
Breakdown
Voltage
Tolerance at
25˚C and
Average
Reverse
Breakdown
Voltage
Temperature
Coefficient
Package
NS
Package
Number
M3 (SOT-23)
M7 (SC70)
Z (TO-92)
Supplied as 1000
Units Tape and
Reel
Supplied as 3000
Units tape and
Reel
Supplied as 1000
Units Tape and
Reel
Supplied as 3000
Units Tape and
Reel
±0.1%, 100
ppm/˚C max (A
grade)
LM4040AIM3-2.0
LM4040AIM3-2.5
LM4040AIM3-3.0
LM4040AIM3-4.1
LM4040AIM3-5.0
LM4040AIM3-8.2
LM4040AIM3-10.0
LM4040AIM3X-2.0
LM4040AIM3X-2.5
LM4040AIM3X-3.0
LM4040AIM3X-4.1
LM4040AIM3X-5.0
LM4040AIM3X-8.2
LM4040AIM3X-10.0
LM4040AIZ-2.0
LM4040AIZ-2.5
LM4040AIZ-3.0
LM4040AIZ-4.1
LM4040AIZ-5.0
LM4040AIZ-8.2
LM4040AIZ-10.0
MF03A,
Z03A
±0.2%, 100
ppm/˚C max (B
grade)
LM4040BIM3-2.0
LM4040BIM3-2.5
LM4040BIM3-3.0
LM4040BIM3-4.1
LM4040BIM3-5.0
LM4040BIM3-8.2
LM4040BIM3-10.0
LM4040BIM3X-2.0
LM4040BIM3X-2.5
LM4040BIM3X-3.0
LM4040BIM3X-4.1
LM4040BIM3X-5.0
LM4040BIM3X-8.2
LM4040BIM3X-10.0
LM4040BIM7-2.0
LM4040BIM7-2.5
LM4040BIM7-3.0
LM4040BIM7-4.1
LM4040BIM7-5.0
LM4040BIM7X-2.0
LM4040BIM7X-2.5
LM4040BIM7X-3.0
LM4040BIM7X-4.1
LM4040BIM7X-5.0
LM4040BIZ-2.0
LM4040BIZ-2.5
LM4040BIZ-3.0
LM4040BIZ-4.1
LM4040BIZ-5.0
LM4040BIZ-8.2
LM4040BIZ-10.0
MF03A,
Z03A,
MAA05A
±0.5%, 100
ppm/˚C max (C
grade)
LM4040CIM3-2.0
LM4040CIM3-2.5
LM4040CIM3-3.0
LM4040CIM3-4.1
LM4040CIM3-5.0
LM4040CIM3-8.2
LM4040CIM3-10.0
LM4040CIM3X-2.0
LM4040CIM3X-2.5
LM4040CIM3X-3.0
LM4040CIM3X-4.1
LM4040CIM3X-5.0
LM4040CIM3X-8.2
LM4040CIM3X-10.0
LM4040CIM7-2.0
LM4040CIM7-2.5
LM4040CIM7-3.0
LM4040CIM7-4.1
LM4040CIM7-5.0
LM4040CIM7X-2.0
LM4040CIM7X-2.5
LM4040CIM7X-3.0
LM4040CIM7X-4.1
LM4040CIM7X-5.0
LM4040CIZ-2.0
LM4040CIZ-2.5
LM4040CIZ-3.0
LM4040CIZ-4.1
LM4040CIZ-5.0
LM4040CIZ-8.2
LM4040CIZ-10.0
MF03A,
Z03A,
MAA05A
±1.0%, 150
ppm/˚C max (D
grade)
LM4040DIM3-2.0
LM4040DIM3-2.5
LM4040DIM3-3.0
LM4040DIM3-4.1
LM4040DIM3-5.0
LM4040DIM3-8.2
LM4040DIM3-10.0
LM4040DIM3X-2.0
LM4040DIM3X-2.5
LM4040DIM3X-3.0
LM4040DIM3X-4.1
LM4040DIM3X-5.0
LM4040DIM3X-8.2
LM4040DIM3X-10.0
LM4040DIM7-2.0
LM4040DIM7-2.5
LM4040DIM7-3.0
LM4040DIM7-4.1
LM4040DIM7-5.0
LM4040DIM7X-2.0
LM4040DIM7X-2.5
LM4040DIM7X-3.0
LM4040DIM7X-4.1
LM4040DIM7X-5.0
LM4040DIZ-2.0
LM4040DIZ-2.5
LM4040DIZ-3.0
LM4040DIZ-4.1
LM4040DIZ-5.0
LM4040DIZ-8.2
LM4040DIZ-10.0
MF03A,
Z03A,
MAA05A
±2.0%, 150
ppm/˚C max (E
grade)
LM4040EIM3-2.0
LM4040EIM3-2.5
LM4040EIM3-3.0
LM4040EIM3X-2.0
LM4040EIM3X-2.5
LM4040EIM3X-3.0
LM4040EIM7-2.0
LM4040EIM7-2.5
LM4040EIM7-3.0
LM4040EIM7X-2.0
LM4040EIM7X-2.5
LM4040EIM7X-3.0
LM4040EIZ-2.0
LM4040EIZ-2.5
LM4040EIZ-3.0
MF03A,
Z03A,
MAA05A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com