Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85366990 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 85366990
Description  T1 male crimp AWG 26-28 (500pcs/reel)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

85366990 Datasheet(HTML) 1 Page - HARTING Technology Group

  85366990 Datasheet HTML 1Page - HARTING Technology Group 85366990 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 45 500 2810
T1 male crimp AWG 26-28 (500pcs/reel)
T1 male crimp AWG 26-28 (500pcs/reel)
Image is for illustration purposes only. Please refer to product description.
Part number
09 45 500 2810
Specification
T1 male crimp AWG 26-28 (500pcs/reel)
HARTING eCatalogue
https://b2b.harting.com/09455002810
Identification
Category
Contacts
Type of contact
Crimp contact
Version
Gender
Male contact
Manufacturing process
Stamped contacts
Pack contents
500 pieces on a reel
Technical characteristics
Conductor cross-section
0.08 ... 0.12 mm²
Conductor cross-section
AWG 28 ... AWG 26
Material properties
RoHS
compliant
ELV status
compliant
China RoHS
e
REACH Annex XVII substances
Not contained
REACH ANNEX XIV substances
Not contained
REACH SVHC substances
Not contained
California Proposition 65 substances
Not contained
Commercial data
Packaging size
1
Page 1 / 2 | Creation date 2022-12-07 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Stiftung & Co. KG | Marienwerderstr. 3 | 32339 Espelkamp | Germany


Similar Part No. - 85366990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
85366990 PHOENIX-85366990 Datasheet
129Kb / 8P
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
logo
WAGO Kontakttechnik Gmb...
85366990 WAGO-85366990 Datasheet
56Kb / 2P
4 POLE PIN SPACING 5 MM / 0.197 IN
06.08.2013
logo
HARTING Technology Grou...
85366990 HARTING-85366990 Datasheet
525Kb / 2P
SEK mezz Fe 50P THT 2.9mm PL2
2022-10-19
More results

Similar Description - 85366990

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008701043 MOLEX1-0008701043 Datasheet
82Kb / 2P
Crimp Terminal 5394, AWG#22-#28, Reel
0500798000 MOLEX6-0500798000 Datasheet
118Kb / 4P
1.25mm (.049") Pitch PicoBlade??Crimp Terminal, 26-28 AWG, Reel
0501258000 MOLEX6-0501258000 Datasheet
89Kb / 3P
1.25mm (.049") Pitch PicoBlade??Crimp Terminal 50125, 26-28 AWG, Reel
0562798000 MOLEX7-0562798000 Datasheet
95Kb / 2P
3.30mm (.130") Pitch Crimp Terminal, Male, 22-26 AWG, Reel
0507528000 MOLEX7-0507528000 Datasheet
88Kb / 2P
Crimp Terminal 50752, 22-28 AWG, Reel
0901190120 MOLEX10-0901190120 Datasheet
145Kb / 4P
C-Grid III??Crimp Terminal, 26-28 AWG, Reel, Tin (Sn)
0500798000 MOLEX1-0500798000_17 Datasheet
33Kb / 2P
1.25mm Pitch PicoBlade Crimp Terminal, 26-28 AWG, Reel
0501258000 MOLEX1-0501258000_17 Datasheet
31Kb / 1P
1.25mm Pitch PicoBlade Crimp Terminal 50125, 26-28 AWG, Reel
0501338000 MOLEX1-0501338000_17 Datasheet
31Kb / 1P
1.25mm Pitch PicoBlade Crimp Terminal, Male, 28-32 AWG, Reel
0901190120 MOLEX1-0901190120_17 Datasheet
42Kb / 1P
C-Grid III Crimp Terminal, 26-28 AWG, Reel, Tin (Sn)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com