Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCI474AB2 Datasheet(PDF) 2 Page - Weidmuller

Part # RCI474AB2
Description  RIDERSERIES RCI RCI424AC4
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

RCI474AB2 Datasheet(HTML) 2 Page - Weidmuller

  RCI474AB2 Datasheet HTML 1Page - Weidmuller RCI474AB2 Datasheet HTML 2Page - Weidmuller RCI474AB2 Datasheet HTML 3Page - Weidmuller RCI474AB2 Datasheet HTML 4Page - Weidmuller RCI474AB2 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data sheet
 
RIDERSERIES RCI
RCI424AC4
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Technical data
 
 
Creation date January 10, 2019 2:13:27 PM CET
 
Catalogue status 10.01.2019 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Width
13 mm
  Width (inches)
0.512 inch
Height
29 mm
  Height (inches)
1.142 inch
Depth
25.6 mm
  Depth (inches)
1.008 inch
Net weight
14.53 g
   
 
Temperatures
 
Humidity
40 °C / 93 % rel. humidity,
no condensation
  Operating temperature, max.
70 °C
Operating temperature, min.
-40 °C
  Storage temperature, max.
85 °C
Storage temperature, min.
-40 °C
  Operating temperature
-40 °C...70 °C
Storage temperature
-40 °C...85 °C
   
 
Environmental Product Compliance
 
REACH SVHC
Lead 7439-92-1
   
 
Input
 
Rated control voltage
24 V DC
  Rated current DC
16.7 mA
Power rating
400 mW
  Pull-in/drop-out voltage, typ.
16.8 V / 2.4 V DC
Coil resistance
1440 Ω ± 10 %
  Status indicator
Green LED
Protective circuit
Free-wheel diode
   
 
Output
 
Rated switching voltage
240 V AC
  Max. switching voltage, AC
400 V
Continuous current
8 A
  Inrush current
15 A / 4 s
AC switching capacity (resistive), max. 2000 VA
  DC switching capacity (resistive), max. 192 W @ 24 V
Switch-on delay
≤ 10 ms
  Switch-off delay
≤ 6 ms
Min. switching power
1 mA @ 24 V, 10 mA @ 12
V, 100 mA @ 5 V
  Max. switching frequency at rated load
0.1 Hz
 
Contact data
 
Contact type
2 CO contact (AgNi
90/10)
  Mechanical service life
AC coil 5 x 106 Switch.
cycles, DC coil 10 x 106
Switch. cycles
 
General data
 
Test button
No
  Mechanical switch position indicator No
Colour
Transparent
  UL 94 flammability rating
V-2
 
Insulation coordination
 
Rated voltage
250 V
  Surge voltage category
III
Pollution severity
2
  Insulating material group
IIIa
Dielectric strength input – output
5 kVeff / 1min
  Creepage and clearance distance input –
output
≥ 8 mm
Dielectric strength of neighbouring
contacts
2.5 KVeff / 1 min.
  Dielectric strength of open contact
1 kVeff / 1 min
Impulse withstand voltage
5 kV (1.2/50 µs)
   
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com