Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4120 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4120
Description  Precision Micropower Low Dropout Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4120 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4120 Datasheet HTML 1Page - National Semiconductor (TI) LM4120 Datasheet HTML 2Page - National Semiconductor (TI) LM4120 Datasheet HTML 3Page - National Semiconductor (TI) LM4120 Datasheet HTML 4Page - National Semiconductor (TI) LM4120 Datasheet HTML 5Page - National Semiconductor (TI) LM4120 Datasheet HTML 6Page - National Semiconductor (TI) LM4120 Datasheet HTML 7Page - National Semiconductor (TI) LM4120 Datasheet HTML 8Page - National Semiconductor (TI) LM4120 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ordering Information
Industrial Temperature Range (−40˚C to + 85˚C)
Initial Output Voltage Accuracy at 25˚C
And Temperature Coefficient
LM4120 Supplied as
1000 Units, Tape and
Reel
LM4120 Supplied as
3000 Units, Tape and
Reel
Top
Marking
0.2%, 50 ppm/˚C max (A grade)
LM4120AIM5-1.8
LM4120AIM5X-1.8
R21A
LM4120AIM5-2.0
LM4120AIM5X-2.0
R14A
LM4120AIM5-2.5
LM4120AIM5X-2.5
R08A
LM4120AIM5-3.0
LM4120AIM5X-3.0
R15A
LM4120AIM5-3.3
LM4120AIM5X-3.3
R16A
LM4120AIM5-4.1
LM4120AIM5X-4.1
R17A
LM4120AIM5-5.0
LM4120AIM5X-5.0
R18A
0.5%, 50 ppm/˚C max
LM4120IM5-1.8
LM4120IM5X-1.8
R21B
LM4120IM5-2.0
LM4120IM5X-2.0
R14B
LM4120IM5-2.5
LM4120IM5X-2.5
R08B
LM4120IM5-3.0
LM4120IM5X-3.0
R15B
LM4120IM5-3.3
LM4120IM5X-3.3
R16B
LM4120IM5-4.1
LM4120IM5X-4.1
R17B
LM4120IM5-5.0
LM4120IM5X-5.0
R18B
SOT-23 Package Marking Information
Only four fields of marking are possible on the SOT-23’s small surface. This
table gives the meaning of the four fields.
Field Information
First Field:
R = Reference
Second and third Field:
21 = 1.800V Voltage Option
14 = 2.048V Voltage Option
08 = 2.500V Voltage Option
15 = 3.000V Voltage Option
16 = 3.300V Voltage Option
17 = 4.096V Voltage Option
18 = 5.000V Voltage Option
Fourth Field:
A-B = Initial Reference Voltage Tolerance
A= ±0.2%
B= ±0.5%
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com