Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4140 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4140
Description  High Precision Low Noise Low Dropout Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4140 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4140 Datasheet HTML 1Page - National Semiconductor (TI) LM4140 Datasheet HTML 2Page - National Semiconductor (TI) LM4140 Datasheet HTML 3Page - National Semiconductor (TI) LM4140 Datasheet HTML 4Page - National Semiconductor (TI) LM4140 Datasheet HTML 5Page - National Semiconductor (TI) LM4140 Datasheet HTML 6Page - National Semiconductor (TI) LM4140 Datasheet HTML 7Page - National Semiconductor (TI) LM4140 Datasheet HTML 8Page - National Semiconductor (TI) LM4140 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Ordering Information Temperature Range
(0˚C to 70˚C)
Initial Output Voltage Accuracy
@ 25˚C
and Temperature Coefficient
LM4140 Supplied as 95 Units,
Tape and Reel
LM4140 Supplied as 2500
Units, Tape and Reel
0.1%, 3 ppm/˚C max (A grade)
LM4140ACM-1.0
LM4140ACMX-1.0
LM4140ACM-1.2
LM4140ACMX-1.2
LM4140ACM-2.0
LM4140ACMX-2.0
LM4140ACM-2.5
LM4140ACMX-2.5
LM4140ACM-4.1
LM4140ACMX-4.1
0.1%, 6 ppm/˚C max (B grade)
LM4140BCM-1.0
LM4140BCMX-1.0
LM4140BCM-1.2
LM4140BCMX-1.2
LM4140BCM-2.0
LM4140BCMX-2.0
LM4140BCM-2.5
LM4140BCMX-2.5
LM4140BCM-4.1
LM4140BCMX-4.1
0.1%, 10 ppm/˚C max (C grade)
LM4140CCM-1.0
LM4140CCMX-1.0
LM4140CCM-1.2
LM4140CCMX-1.2
LM4140CCM-2.0
LM4140CCMX-2.0
LM4140CCM-2.5
LM4140CCMX-2.5
LM4140CCM-4.1
LM4140CCMX-4.1
Connection Diagram
8-Lead Surface Mount (M)
10107902
Top View
See NS Package Number M08A
Pin Functions
V
ref (Pin 6):
Reference Output. Capable of sourcing up to 8mA.
Input (Pin 2):
Positive Supply.
Ground (Pins 1, 4, 7, 8):
Negative Supply or Ground Connection. These pins must be
connected to ground.
Enable (Pin 3):
Pulled to input for normal operation. Forcing this pin to ground will
turn-off the output.
NC (Pin 5):
This pin must be left open.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com