Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3C2UR Datasheet(PDF) 1 Page - Altech corporation

Part # 3C2UR
Description  UR-Series - UL1077 Recognized Supplementary Protector - 3 pole C-Trip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

3C2UR Datasheet(HTML) 1 Page - Altech corporation

  3C2UR Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UR-Series - UL1077 Recognized Supplementary Protector -
3 pole C-Trip
Standard Pack: 12
Weight:
0.3A - 32A
1.75kg (3.86 lb.)
40A - 63A
2.07kg (4.56 lb.)
3 Pole
52.5 mm
68.4 mm
44 mm
30.5 mm
44 mm
37.5 mm
25.5 mm
14.5 mm
84
67
Rated
Type/
Rated
Current
Cat. No.
Voltage
0.5A
3C05UR
480Y/277V AC
1.0A
3C1UR
480Y/277V AC
2.0A
3C2UR
480Y/277V AC
3.0A
3C3UR
480Y/277V AC
4.0A
3C4UR
480Y/277V AC
5.0A
3C5UR
480Y/277V AC
6.0A
3C6UR
480Y/277V AC
8.0A
3C8UR
480Y/277V AC
10A
3C10UR
480Y/277V AC
12A
3C12UR
480Y/277V AC
13A
3C13UR
480Y/277V AC
15A
3C15UR
480Y/277V AC
16A
3C16UR
480Y/277V AC
20A
3C20UR
480Y/277V AC
25A
3C25UR
480Y/277V AC
30A
3C30UR
480Y/277V AC
32A
3C32UR
480Y/277V AC
40A
3C40UR
480Y/277V AC
50A
3C50UR
480Y/277V AC
60A
3C60UR
480Y/277V AC
63A*
3C63UR
480Y/277V AC
*63A is not UL Recognized.
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
12
3 4 5 68 10
20
40
100
Multiple of Rated Current
Thermal Overload
“Must Trip” < 1 hr = 145% RC
“Must Not Trip” > 1 hr = 113% RC
1.13-1.45xI
N
0.5A Through 10A Rated Current
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
12
3 4 5 68 10
20
40
100
Multiple of Rated Current
Thermal Overload
“Must Trip” < 1 hr = 145% RC
“Must Not Trip” > 1 hr = 113% RC
1.13-1.45xI
N
12A Through 63A Rated Current
Short Circuit Withstand Ratings
for R-Series Supplementary Protector
“C” Magnetic Trip Parameters
Rated current 0.5A to 63A.
1. Hold for a minimum of 100ms at surge of 5 times rated current.
2. Trip in under 100ms at 10 times rated current.
UR - Series
Voltage Rating
Short Circuit Withstand Rating
Calibration Temperature
Ambient Temperature
Storage Temperature
Terminal Torque (min/max)
Electrical Life
Mechanical Life
Vibration Resistance
Resistance to mechanical shocks
0.5-60A / 480Y/277V AC
0.5 - 10A (RC): 10 kA with no back-up fuse
8 - 63A (RC): 10 kA with UL-listed Class J back-up fuse;
5 kA with no back-up fuse
30ºC (86ºF)
-25ºC to +55ºC (-13ºF to 131ºF )
-40ºC to +70ºC (-40ºF to 158ºF )
2 Nm (17.7 lb.in.) / 2.5Nm (22.2 lb.in)
6000 switching cycles ON/ OFF
10000 switching cycles ON/ OFF
> 15g according to DIN EN 60069-2-59 during a load with 1.05 x IN
25g @ 11ms
Backup Protection
Trip
Amp
UL-Listed
No Backup Fuse
Curve
Range
Class J Fuse
Required
up to 10kA
up to:
All
0.5 - 10A
70A
10kA
All
12 - 60A
4xRC*
5kA
*up to nearest rated current
UL Recognized
C
US
E137915
Three Pole


Similar Part No. - 3C2UR

ManufacturerPart #DatasheetDescription
logo
Altech corporation
3C2UM ALTECH-3C2UM Datasheet
561Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
More results

Similar Description - 3C2UR

ManufacturerPart #DatasheetDescription
logo
Altech corporation
TR-11CX630.5A ALTECH-TR-11CX630.5A Datasheet
483Kb / 3P
UL1077 Recognized Supplementary Protector/ Circuit Breaker for Equipment
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
R-Series - UL1077 Supplementary Protector
1DU05R ALTECH-1DU05R Datasheet
131Kb / 2P
R-Series - UL1077 Supplementary Protecto
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
R-Series - UL1077 Supplementary Protector
2CU05R ALTECH-2CU05R Datasheet
140Kb / 2P
R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
R-Series - UL1077 Supplementary Protector
logo
Schneider Electric
MG27338 SCHNEIDER-MG27338 Datasheet
52Kb / 1P
SUPPLEMENTARY PROTECTOR 277V 40A 1P
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com